Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3320 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LF3320
Description  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3320 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DEVICES INCORPORATED
LF3320
Horizontal Digital Image Filter
2-6
08/16/2000–LDS.3320-N
Video Imaging Products
OPERATIONAL MODES
Single Filter Mode
In this mode, the device operates as a
single FIR filter (see Figure 4). It can be
configured to have as many as 32 taps if
symmetric coefficient sets are used. If
asymmetric coefficient sets are used, the
device can be configured to have as
many as 16 taps. Cascade ports are
provided to facilitate cascading multiple
devices to increase the number of filter
taps. Bit 1 in Configuration Register 5
determines the filter mode. In Single
Filter Mode, DIN11-0 is the data input
for the filter and DOUT15-0 is the data
outputforthefilter.
Dual Filter Mode
In this mode, the device operates as
two separate FIR filters (see Figure 5).
Each filter can be configured to have as
many as 16 taps if symmetric coeffi-
cient sets are used. If asymmetric
coefficient sets are used, each filter can
be configured to have as many as 8
taps. In Dual Filter Mode, DIN11-0 is
the data input for Filter A. Either
RIN11-0 or DIN11-0 can be the data
input for Filter B. The Filter B input is
determined by Bit 2 in Configuration
Register 5. DOUT15-0 is the data
output for Filter A. COUT11-0 and
ROUT3-0 together form the data output
for Filter B. COUT11-0 is the twelve
least significant bits and ROUT3-0 is
the four most significant bits of the
16-bit Filter B output.
Matrix-vector Multiply Mode
In this mode, the LF3320 can be
configured to multiply a square matrix
of maximum size N (N = 8 or 16),
multiplied by a matrix-vector of
maximum size [8,1] or [16,1]. The
mathematical representation for this
operation is in Figure 7. When config-
ured in the dual filter mode, the LF3320
can process two matrix-vector multipli-
ers simultaneously (i.e. [8x8][8x1]). In
the single filter mode, the LF3320 can
process a single matrix-vector multiply
(i.e. [16x16][16x1]). This mode of
operation allows the user to organize
data values (e.g. pixels) into an array
(e.g. blocks). This function is useful for
any application requiring the opera-
tion of matrix multiplication; a func-
tion that is used when generating
Discrete Cosine Transform coefficients
(DCT) for the purpose of further
processing.
When configuring the LF3320 for an
[8x8][8x1] matrix-vector operation, the
coefficient banks will require 8 coeffi-
cient sets to be loaded into the coefficient
memory banks; each coefficient set will
have 8, 12-bit coefficients. The input
data, [8x1] column-vector, will be loaded
through DIN11-0 for Filter A; either
RIN11-0 or DIN11-0 can be the data
input for Filter B. Conversely, when
configured for a [16x16][16x1]
matrix-vectoroperation,thecoefficient
banks will require 16 coefficient sets to
beloadedintothecoefficientmemory
banks; each coefficient set will have 16,
12-bit coefficients. The input data,
[16x1] column-vector, will be loaded
throughDIN11-0.
To configure the LF3320 for
matrix-vector multiplication, bit 4 of
Configuration Register 5 must be set to
1 (Table 7). The configuration for
single filter mode or dual filter mode
will still apply. Writing 012H or 016H
to Configuration Register 5 will
configure the device for dual filter
mode, [8x8][8x1] matrix-vector multi-
plication. Subsequently, writing 014H
to Configuration Register 5 will
configure the device for single filter
C = COEFFICIENTS
D = DATA INPUT
R = DATA OUTPUT
R0
R1
R2
Ri
=
C00
C10
C20
Ci0
C01
C11
C21
Ci1
C02
C12
C22
Ci2
C0j
C1j
C2j
Cij
D0
D1
D2
Di
Ri
=
Cij Di
(N-1)
i=0
For j=0,1,2,...,(N-1)
N=8 or 16
FIGURE 7. MATRIX EQUATION
ALU
AB
ALU
AB
COEF 2
ALU
AB
0
COEF 1
DIN11-0
Dual Filter Mode, N=8
N
N
ALU
AB
COEF 0
32
12
12
12
12
12
Single FIlter Mode, N=16
TXFRA
TXFRB
RIN11-0
COEF (N-1)
0
0
0
FIGURE 6. MATRIX-VECTOR MULTIPLY MODE


Similar Part No. - LF3320

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Similar Description - LF3320

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com