Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3310QC12 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF3310QC12
Description  Horizontal / Vertical Digital Image Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310QC12 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF3310QC12 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3310QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DEVICES INCORPORATED
Video Imaging Products
5
LF3310
Horizontal / Vertical Digital Image Filter
11/08/2001-LDS.3310-H
HRSL3-0 — Horizontal Round/Select/
Limit Control
HRSL3-0 determines which of the
sixteen user-programmable Round/
Select/Limit registers (RSL registers)
are used in the horizontal Round/
Select/Limit circuitry (RSL circuitry).
A value of 0 on HRSL3-0 selects
RSL register 0. A value of 1 selects
round/select/limit register 1 and so
on. HRSL3-0 is latched on the rising
edge of CLK (see the horizontal
round, select, and limit sections for a
complete discussion).
VRSL3-0 —Vertical Round/Select/Limit
Control
VRSL3-0 determines which of the
sixteen user-programmable
RSL registers are used in the vertical
RSL circuitry. A value of 0 on
VRSL3-0 selects RSL register 0. A
value of 1 selects RSL register 1 and
so on. VRSL3-0 is latched on the rising
edge of CLK (see the vertical round,
select, and limit sections for a com-
plete discussion).
OE — Output Enable
When OE is LOW, DOUT11-0 is
enabled for output. When OE is
HIGH, DOUT11-0 is placed in a
high-impedance state.
HPAUSE — LF InterfaceTM Pause
When HPAUSE is HIGH, the Hori-
zontal LF InterfaceTM loading
sequence is halted until HPAUSE is
returned to a LOW state. This
effectively allows the user to load
coefficients and Control Registers at a
slower rate than the master clock (see
the LF InterfaceTM section for a full
discussion).
VPAUSE — LF InterfaceTM Pause
When VPAUSE is HIGH, the Vertical
LF InterfaceTM loading sequence is
halted until VPAUSE is returned to a
LOW state. This effectively allows the
user to load coefficients and Control
Registers at a slower rate than the
master clock (see the LF InterfaceTM
section for a full discussion).
OPERATIONAL MODES
Dimensionally Separate
In Dimensionally Separate Mode, the
horizontal and vertical filters are
cascaded together to form a
two-dimensional image filter (see
Figures 4 and 5). Bit 1 in Configura-
tion Register 4 determines the cascade
order. If this bit is set to “0”, data on
DIN11-0 is fed into the horizontal filter
first. The horizontal filter then feeds
data into the vertical filter. If this bit
is set to “1”, data on DIN11-0 is fed
into the vertical filter first. The
vertical filter then feeds data into the
horizontal filter.
Orthogonal
In Orthogonal Mode, the horizontal
and vertical filters are used concur-
rently to implement an orthogonal
kernel on the input data (see Figure 6).
DIN11-0
HORIZONTAL FILTER
LINE BUFFER
12
12
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
DOUT11-0
12
FIGURE 4.
DIMENSIONALLY SEPARATE MODE: H TO V
DIN11-0
HORIZONTAL FILTER
LINE BUFFER
12
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
LINE BUFFER
DOUT11-0
12
12
FIGURE 5.
DIMENSIONALLY SEPARATE MODE: V TO H


Similar Part No. - LF3310QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

Similar Description - LF3310QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com