Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130084-0124 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130084-0124
Description  Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130084-0124 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130084-0124 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/28/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130084-0124
Status:
Active
Overview:
Electric Reels
Description:
Woodhead® POW-R-MITE® Heavy Duty Cable Reel with Retraction Weight of 4lbs.,
14/12 SOW, 12.19m (40.0') Cord Length with Flying Leads
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR29921
General
Product Family
Electric Reels
Series
130084
Cable Length
N/A
Comments
Applications: Vertical Lift, Drag, Recovery and
Horizontal Stretch with 10% Sag.
Depth
0.48m (19.00")
Duty
Heavy
Enclosure Rating
NEMA 3
Height
0.52m (20.50")
NEMA Configuration
N/A
Overview
Electric Reels
Product Literature Order No
987650-8062
Product Name
POW-R-MITE®
Type
Cable Reel
UPC
78678827468
Width
478.54mm (18.840")
Woodhead
Yes
Physical
Cable Movement
Ratchet Lock
Cord Length
12.19m (40.0')
Drum Lock
Ratchet
Guide Arm
4 - Postion
Material - Coating
Powder Coating
Material - Housing
Steel
Mounting Style
Rigid
Number of Conductors
12
Packaging Type
Carton
Primary Cord/Cable Entry
1" NPT
Retraction Weight
1.8kg (4.0 lb)
Wire Size AWG
14
Electrical
Bulb Included
N/A
Cord Type
14/12 SOW
Current - Maximum per Contact
7.0A
GFCI
No
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
On/Off Switch
N/A
Voltage - Maximum
600V
Material Info
Old Part Number
92512BN
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130084Series


Similar Part No. - 130084-0124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130084-0120 MOLEX11-130084-0120 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0121 MOLEX11-130084-0121 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0123 MOLEX11-130084-0123 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0128 MOLEX11-130084-0128 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0129 MOLEX11-130084-0129 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
More results

Similar Description - 130084-0124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300840134 MOLEX11-1300840134 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0123 MOLEX11-130084-0123 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0138 MOLEX11-130084-0138 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0143 MOLEX11-130084-0143 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0144 MOLEX11-130084-0144 Datasheet
53Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0142 MOLEX11-130084-0142 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0149 MOLEX11-130084-0149 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0136 MOLEX11-130084-0136 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
130084-0140 MOLEX11-130084-0140 Datasheet
53Kb / 1P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
1300840136 MOLEX11-1300840136 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
1300840149 MOLEX11-1300840149 Datasheet
38Kb / 2P
   Woodhead POW-R-MITE Heavy Duty Cable Reel with Retraction Weight of 4lbs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com