Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF48212 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # LF48212
Description  12 x 12-bit Alpha Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48212 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

  LF48212 Datasheet HTML 1Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 2Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48212 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DEVICES INCORPORATED
Video Imaging Products
9
LF48212
12 x 12-bit Alpha Mixer
08/16/2000–LDS.48212-F
Plastic Quad Flatpack
(Q3)
LF48212QC25
LF48212QC20
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
25 ns
20 ns
64-pin
DINB11
DINB10
DINB9
DINB8
DINB7
DINB6
GND
DINB5
DINB4
DINB3
DINB2
DINB1
DINB0
RND1
RND0
DEL
OE
DOUT12
DOUT11
DOUT10
DOUT9
GND
DOUT8
DOUT7
DOUT6
DOUT5
VCC
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Top
View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - LF48212

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
   48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
   48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
   48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
   48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
More results

Similar Description - LF48212

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
[Old version datasheet]   12-Bit, 80-MSPS ADC and Passive CW Mixer
logo
Motorola, Inc
MCM62973A MOTOROLA-MCM62973A Datasheet
413Kb / 5P
   4K x 12 Bit Synchronous Static RAM
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com