Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF48410JC25 Datasheet(PDF) 11 Page - LOGIC Devices Incorporated

Part # LF48410JC25
Description  1024 x 24-bit Video Histogrammer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48410JC25 Datasheet(HTML) 11 Page - LOGIC Devices Incorporated

Back Button LF48410JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 13Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 14Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
11
LF48410
1024 x 24-bit Video Histogrammer
08/08/2000–LDS.48410-L
SWITCHING WAVEFORMS:LOOK UP TABLE READ MODE
SWITCHING WAVEFORMS:LOOK UP TABLE WRITE MODE
SWITCHING WAVEFORMS:DELAY MEMORY/DELAY AND SUBTRACT MODE
CLK
DIN23-0
DIO23-0
tDH
tDS
tPWH
tPWL
tCYC
1234567
12
3
4567
tSS
tD
tDIS
tENA
123
HIGH IMPEDANCE
4
START*
RD
*START must be held LOW a minimum of tSH after the rising edge of CLK that loads the last value of DIN23-0.
CLK
PIN9-0
DIO23-0
tDH
tDS
tPWH
tPWL
tCYC
1234567
123
4
5
tSS
tD
tDIS
tENA
HIGH IMPEDANCE
1
RD
*START must be held HIGH a minimum of tSH after the rising edge of CLK that loads the last value of PIN9-0.
START*
CLK
DIN23-0
DIO23-0
tPWH
tPWL
tSH
tSS
tD
tDIS
tENA
HIGH IMPEDANCE
1
2
3
4
5
6
7
8
9
10
11
12
13
123456789
10
11
12
123
13
tSH
tSS
tSH
tSS
14
tSH
tSS
tSH
tSS
14
4
tCYC
tDH
tDS
START
RD
Shown are the waveforms for a delay length of 10.


Similar Part No. - LF48410JC25

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
   48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
   48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
   48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
   48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
More results

Similar Description - LF48410JC25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
logo
National Semiconductor ...
DM54S287 NSC-DM54S287 Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
logo
Advanced Linear Devices
AM27S181 ALD-AM27S181 Datasheet
201Kb / 8P
   8,192-BIT (1024 X 8) BIPOLAR PROM
logo
National Semiconductor ...
DM54S573 NSC-DM54S573 Datasheet
133Kb / 4P
   (1024 X 4) 4096-BIT TTL PROM
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
National Semiconductor ...
DM54S387 NSC-DM54S387 Datasheet
123Kb / 4P
   256 X 4 1024-Bit TTL PROM
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Intel Corporation
M2148H INTEL-M2148H Datasheet
2Mb / 5P
   HIGH SPEED 1024 X BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com