Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1696A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1696A
Description  SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1696A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1696A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1696A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Smith Chart


Similar Part No. - TA1696A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1696A GOLLEDGE-TA1696A Datasheet
218Kb / 7P
   SAW Filter 1950.0MHz
More results

Similar Description - TA1696A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1695A TAI-SAW-TA1695A Datasheet
420Kb / 8P
   SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
TA0935A TAI-SAW-TA0935A Datasheet
150Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com