Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3990-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3990-5
Description  62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3990-5_15 Datasheet HTML 6Page - Linear Technology LT3990-5_15 Datasheet HTML 7Page - Linear Technology LT3990-5_15 Datasheet HTML 8Page - Linear Technology LT3990-5_15 Datasheet HTML 9Page - Linear Technology LT3990-5_15 Datasheet HTML 10Page - Linear Technology LT3990-5_15 Datasheet HTML 11Page - Linear Technology LT3990-5_15 Datasheet HTML 12Page - Linear Technology LT3990-5_15 Datasheet HTML 13Page - Linear Technology LT3990-5_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
//htmlimg2.alldatasheet.net/htmldatasheet2/709903/LINER/LT3990-5_15/1594/10/LT3990-5_15.png


Similar Part No. - LT3990-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results

Similar Description - LT3990-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973-5 LINER-LT3973-5_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990 Datasheet
235Kb / 20P
   60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com