Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3991 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3991
Description  55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991 Datasheet(HTML) 1 Page - Linear Technology

  LT3991_15 Datasheet HTML 1Page - Linear Technology LT3991_15 Datasheet HTML 2Page - Linear Technology LT3991_15 Datasheet HTML 3Page - Linear Technology LT3991_15 Datasheet HTML 4Page - Linear Technology LT3991_15 Datasheet HTML 5Page - Linear Technology LT3991_15 Datasheet HTML 6Page - Linear Technology LT3991_15 Datasheet HTML 7Page - Linear Technology LT3991_15 Datasheet HTML 8Page - Linear Technology LT3991_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3991/LT3991-3.3/LT3991-5
1
3991fa
Typical applicaTion
DescripTion
55V, 1.2A Step-Down
Regulator with 2.8µA
Quiescent Current
The LT®3991 is an adjustable frequency monolithic buck
switchingregulatorthatacceptsawideinputvoltagerange
up to 55V. Low quiescent current design consumes only
2.8µA of supply current while regulating with no load. Low
ripple Burst Mode operation maintains high efficiency at
low output currents while keeping the output ripple below
15mV in a typical application. An internally compensated
current mode topology is used for fast transient response
and good loop stability. A high efficiency 0.44Ω switch
is included on the die along with a boost Schottky diode
and the necessary oscillator, control and logic circuitry.
An accurate 1V threshold enable pin can be used to shut
down the LT3991, reducing the input supply current to
700nA. A capacitor on the SS pin provides a controlled
inrush current (soft-start). A power good flag signals
when VOUT reaches 91% of the programmed output volt-
age. The LT3991 is available in small 10-pin MSOP and
3mm × 3mm DFN packages with exposed pads for low
thermal resistance.
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
3.3V Step Down Converter
FeaTures
applicaTions
n
Ultralow Quiescent Current:
2.8µA IQ Regulating 12VIN to 3.3VOUT
n
Fixed Output Voltages: 3.3V, 5V
2.1µA IQ Regulating 12VIN
n
Low Ripple Burst Mode® Operation:
Output Ripple < 15mVP-P
n
Wide Input Voltage Range: 4.3V to 55V
n
1.2A Maximum Output Current
n
Adjustable Switching Frequency: 200kHz to 2MHz
n
Synchronizable Between 250kHz to 2MHz
n
Fast Transient Response
n
Accurate 1V Enable Pin Threshold
n
Low Shutdown Current: IQ = 700nA
n
Power Good Flag
n
Soft-Start CapabilityV
n
Internal Compensation
n
Saturating Switch Design: 0.44Ω On-Resistance
n
Output Voltage: 1.19V to 30V
n
Small Thermally Enhanced 10-Pin MSOP Package
and (3mm × 3mm) DFN Packages
n
Automotive Battery Regulation
n
Power for Portable Products
n
Industrial Supplies
No Load Supply Current
SW
VOUT
SS
RT
VIN
VIN
4.3V TO 55V
VOUT
3.3V
1.2A
4.7µF
0.47µF
47µF
118k
f = 400kHz
12µH
GND
BD
SYNC
OFF ON
LT3991-3.3
3991 TA01a
EN./UVLO
BOOST
PG
INPUT VOLTAGE (V)
5
2.0
2.5
45
3991 G06
1.5
1.0
15
25 30
55
3.0
35
10
20
50
40
LT3991-5
LT3991-3.3
OUTPUT IN REGULATION


Similar Part No. - LT3991_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991EDDPBF LINER-LT3991EDDPBF Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991EDDTRPBF LINER-LT3991EDDTRPBF Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991EMSEPBF LINER-LT3991EMSEPBF Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
More results

Similar Description - LT3991_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com