Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LT4356-2
Description  Surge Stopper
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT4356-2_15 Datasheet HTML 4Page - Linear Technology LT4356-2_15 Datasheet HTML 5Page - Linear Technology LT4356-2_15 Datasheet HTML 6Page - Linear Technology LT4356-2_15 Datasheet HTML 7Page - Linear Technology LT4356-2_15 Datasheet HTML 8Page - Linear Technology LT4356-2_15 Datasheet HTML 9Page - Linear Technology LT4356-2_15 Datasheet HTML 10Page - Linear Technology LT4356-2_15 Datasheet HTML 11Page - Linear Technology LT4356-2_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT4356-1/LT4356-2
8
4356fa
PIN FUNCTIONS
AOUT (DFN and SO Packages Only): Amplifier Output.
Open collector output of the auxiliary amplifier. It is capable
of sinking up to 2mA from 80V. The negative input of the
amplifier is internally connected to a 1.25V reference.
EN: Open-Collector Enable Output. The EN pin goes high
impedance when the voltage at the OUT pin is above (VCC
– 0.7V), indicating the external MOSFET is fully on. The
state of the pin is latched until the OUT pin voltage resets
at below 0.5V and goes back up above 2V. The internal
NPN is capable of sinking up to 3mA of current from 80V
to drive an LED or opto-coupler.
Exposed Pad (DFN Package Only): Exposed pad may be
left open or connected to device ground (GND).
FB: Voltage Regulator Feedback Input. Connect this pin
to the center tap of the output resistive divider connected
between the OUT pin and ground. During an overvoltage
condition, the GATE pin is servoed to maintain a 1.25V
threshold at the FB pin. This pin is clamped internally to
7V. Tie to GND to disable the OV clamp.
FLT: Open-Collector Fault Output. This pin pulls low
after the voltage at the TMR pin has reached the fault
threshold of 1.25V. It indicates the pass transistor is
about to turn off because either the supply voltage has
stayed at an elevated level for an extended period of
time (voltage fault) or the device is in an overcurrent
condition (current fault). The internal NPN is capable of
sinking up to 3mA of current from 80V to drive an LED or
opto-coupler.
GATE: N-Channel MOSFET Gate Drive Output. The GATE pin
is pulled up by an internal charge pump current source and
clamped to 14V above the OUT pin. Both voltage and cur-
rent amplifiers control the GATE pin to regulate the output
voltage and limit the current through the MOSFET.
GND: Device Ground.
IN+ (DFN and SO Packages Only):
Positive Input of the
Auxiliary Amplifier. This amplifier can be used as a level
detection comparator with external hysteresis or linear
regulator controlling an external PNP transistor. This pin is
clamped internally to 7V. Connect to ground if unused.
OUT: Output Voltage Sense Input. This pin senses the
voltage at the source of the N-channel MOSFET and sets
the fault timer current. When the OUT pin voltage reaches
0.7V away from VCC, the EN pin goes high impedance.
SHDN: Shutdown Control Input. The LT4356 can be shut
down to a low current mode by pulling the SHDN pin below
0.4V. Pull this pin above 2.1V or disconnect it and allow
the internal current source to turn the part back on. The
leakage current to ground at the pin should be limited to
no more than 1μA if no pull up device is used to turn the
part on. The SHDN pin can be pulled up to 100V or below
GND by 60V without damage. In shutdown, the auxiliary
amplifier turns off in the LT4356-1 but continues operating
in the LT4356-2.
SNS: Current Sense Input. Connect this pin to the output of
the current sense resistor. The current limit circuit controls
the GATE pin to limit the sense voltage between VCC and
SNS pins to 50mV. At the same time the sense amplifier
also starts a current source to charge up the TMR pin.
This pin can be pulled below GND by up to 60V, though
the voltage difference with the VCC pin must be limited to
less than 30V. Connect to VCC if unused.
TMR: Fault Timer Input. Connect a capacitor between this
pin and ground to set the times for early warning, fault
and cool down periods. The current charging up this pin
during fault conditions depends on the voltage difference
between the VCC and OUT pins. When VTMR reaches 1.25V,
the FLT pin pulls low to indicate the detection of a fault
condition. If the condition persists, the pass transistor
turns off when VTMR reaches the threshold of 1.35V. As
soon as the fault condition disappears, the pull up current
stops and a 2μA current starts to pull the TMR pin down.
When VTMR reaches the retry threshold of 0.5V, the GATE
pin pulls high turning back on the pass transistor.
VCC: Positive Supply Voltage Input. The positive supply
input ranges from 4V to 80V for normal operation. It
can also be pulled below ground potential by up to 60V
during a reverse battery condition, without damaging the
part. The supply current is reduced to 7μA with all the
functional blocks off.


Similar Part No. - LT4356-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT4356-2 LINEAR-LT4356-2 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-2 AD-LT4356-2 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LT4356-2 LINER-LT4356-2 Datasheet
289Kb / 24P
   Surge Stopper with Ideal Diode
More results

Similar Description - LT4356-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com