Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5514 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 1 Page - Linear Technology

  LT5514_15 Datasheet HTML 1Page - Linear Technology LT5514_15 Datasheet HTML 2Page - Linear Technology LT5514_15 Datasheet HTML 3Page - Linear Technology LT5514_15 Datasheet HTML 4Page - Linear Technology LT5514_15 Datasheet HTML 5Page - Linear Technology LT5514_15 Datasheet HTML 6Page - Linear Technology LT5514_15 Datasheet HTML 7Page - Linear Technology LT5514_15 Datasheet HTML 8Page - Linear Technology LT5514_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT5514
5514f
Ultralow Distortion IF
Amplifier/ADC Driver with
Digitally Controlled Gain
s
Output IP3 at 100MHz: 47dBm
s
Maximum Output Power: 21dBm
s
Bandwidth: LF to 850MHz
s
Propagation Delay: 0.8ns
s
Maximum Gain: 33dB
s
Noise Figure: 7.3dB (Max Gain)
s
Gain Control Range: 22.5dB
s
Gain Control Step: 1.5dB
s
Gain Control Settling Time: 500ns
s
Output Noise Floor: –134dBm/Hz (Max Gain)
s
Reverse Isolation: –80dB
s
Single Supply: 4.75V to 5.25V
s
Low Power Mode
s
Shutdown Mode
s
Enable/Disable Time: 1
µs
s
Differential I/O Interface
s
20-Lead TSSOP Package
s
High Linearity ADC Driver
s
IF Sampling Receivers
s
VGA IF Power Amplifier
s
50
Ω Driver
s
Instrumentation Applications
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
The LT
®5514 is a programmable gain amplifier (PGA) with
bandwidth extending from low frequency (LF) to 850MHz.
It consists of a digitally controlled variable attenuator,
followed by a high linearity amplifier. The amplifier is
configured with two identical transconductance amplifi-
ers, hard wired in parallel with individual dedicated enable
pins. When both amplifiers are enabled (Standard mode),
the LT5514 offers an OIP3 of +47dBm (at 100MHz).
Power dissipation can be reduced when a single amplifier
is enabled (Low Power mode). Four parallel digital inputs
control the gain over a 22.5dB range with 1.5dB step
resolution. An on-chip power supply regulator/filter helps
isolate the amplifier signal path from external noise sources.
The LT5514’s open-loop architecture offers stable opera-
tion for any practical load conditions, including peaking-
free AC response when driving capacitive loads, and
excellent reverse isolation.
The LT5514 may be operated broadband, where the out-
put differential RC time constant sets the bandwidth, or it
may be used as a narrowband driver with the appropriate
output filter.
TYPICAL APPLICATIO
FREQUENCY (MHz)
0
47
50
56
150
5514 TA02
44
41
50
100
200
38
35
53
ROUT = 200Ω
ROUT = 100Ω
LT5514
ADC
0.1
µF
0.1
µF
100
5V
CHOKE
GAIN CONTROL
CHOKE
0.1
µF
5514 TA01
0.1
µF
IF
AMP
IF
BPF
LO
RF
INPUT
4 LINES
Output IP3 vs Frequency
(Standard Mode)


Similar Part No. - LT5514_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514EFE LINER-LT5514EFE Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results

Similar Description - LT5514_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com