Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5514 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 5 Page - Linear Technology

  LT5514_15 Datasheet HTML 1Page - Linear Technology LT5514_15 Datasheet HTML 2Page - Linear Technology LT5514_15 Datasheet HTML 3Page - Linear Technology LT5514_15 Datasheet HTML 4Page - Linear Technology LT5514_15 Datasheet HTML 5Page - Linear Technology LT5514_15 Datasheet HTML 6Page - Linear Technology LT5514_15 Datasheet HTML 7Page - Linear Technology LT5514_15 Datasheet HTML 8Page - Linear Technology LT5514_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT5514
5514f
(Low Power Mode)
VCC = 5V, VCCO = 5V, ENA = 3V, ENB = 0.6V, TA = 25°C, ROUT = 200Ω. Maximum gain specifications are with respect to differential
inputs and differential outputs, unless otherwise noted. (Note 7) (Test circuits shown in Figures 9 and 10)
AC ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to ground.
Note 3: Default state for open PGA inputs.
Note 4: VCC1 and VCC2 (Pins 2 and 19) are internally connected.
Note 5: External VOSUP is adjusted such that VCCO output pin common
mode voltage is as specified when resistors are used. For choke inductors
or transformer, VOSUP = VCCO = 5V typ.
Note 6: Internally generated common mode input bias voltage requires
capacitive or transformer coupling to the signal source.
Note 7: Specifications over the –40
°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls. Gain always refers to power gain. Input
matching is assumed. PIN is the available input power. POUT is the power
into the external load, ROUT, as seen by the LT5514 differential outputs. All
dBm figures are with respect to 50
Ω.
Note 8: High frequency operation is limited by the RC time constants at
the input and output ports. The low frequency (LF) roll-off is set by I/O
interface choice.
Note 9: Limited by package and board isolation.
Note 10: See “Clipping Free Operation” in the Applications Information
section. Refer to Figure 7.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic Performance
BW
Large-Signal –3dB Bandwidth
All Gain Settings (Note 8),
ROUT = 100Ω
LF to 540
MHz
POUT(MAX) Clipping Limited Maximum Sinusoidal
All Gain Settings, Single Tone,
16
dBm
Output Power
fIN = 100MHz (Note 10)
gm
Amplifier Transconductance
Max Gain, fIN = 100MHz
0.15
S
S12
Reverse Isolation
fIN = 100MHz (Note 9)
–92
dB
Distortion and Noise
OIP3
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = High (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+40
dBm
Output Third Order Intercept Point for
POUT = 4dBm (Each Tone), 200kHz Tone Spacing,
PGA0 = Low (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+36
dBm
HD2
Second Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–76
dBc
HD3
Third Harmonic Distortion
POUT = 5dBm (Single Tone), fIN = 50MHz
–72
dBc
NFLOOR
Output Noise Floor
PGA1 = High, fIN = 100MHz
–138
dBm/Hz
(PGAO, PGA2, PGA3 Any State)
PGA1 = Low, fIN = 100MHz
–140
dBm/Hz
NF
Noise Figure
Max Gain Setting, fIN = 100MHz
8.6
dB
Amplifier Power Gain and Gain Step
GMAX
Maximum Gain
fIN = 20MHz and 200MHz
27
dB
GMIN
Minimum Gain
fIN = 20MHz and 200MHz
4.5
dB
GSTEP
Gain Step Size
fIN = 20MHz and 200MHz
1.05
1.5
1.95
dB
Gain Step Accuracy
fIN = 20MHz and 200MHz
±0.1
dB
Amplifier I/O Impedance
RIN
Input Resistance
fIN = 100MHz, Parallel Values Specified
122
Differentially
CIN
Input Capacitance
fIN = 100MHz, Parallel Values Specified
2
pF
Differentially
RO
Output Resistance
fIN = 100MHz, Parallel Values Specified
5
k
Differentially
CO
Output Capacitance
fIN = 100MHz, Parallel Values Specified
1.7
pF
Differentially


Similar Part No. - LT5514_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514EFE LINER-LT5514EFE Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results

Similar Description - LT5514_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com