Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5571 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5571
Description  620MHz ??1100MHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 3 Page - Linear Technology

  LT5571_15 Datasheet HTML 1Page - Linear Technology LT5571_15 Datasheet HTML 2Page - Linear Technology LT5571_15 Datasheet HTML 3Page - Linear Technology LT5571_15 Datasheet HTML 4Page - Linear Technology LT5571_15 Datasheet HTML 5Page - Linear Technology LT5571_15 Datasheet HTML 6Page - Linear Technology LT5571_15 Datasheet HTML 7Page - Linear Technology LT5571_15 Datasheet HTML 8Page - Linear Technology LT5571_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5571
3
5571f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 7.
Note 4: At each of the four baseband inputs BBPI, BBMI, BBPQ and BBMQ.
Note 5: V(BBPI) – V(BBMI) = 1VDC, V(BBPQ) – V(BBMQ) = 1VDC.
Note 6: Maximum value within –1dB bandwidth.
Note 7: An external coupling capacitor is used in the RF output line.
Note 8: At 20MHz offset from the LO signal frequency.
LO Input (LO)
fLO
LO Frequency Range
0.5 to 1.2
GHz
PLO
LO Input Power
–10
0
5
dBm
S11, ON
LO Input Return Loss
EN = High (Note 6)
–10.9
dB
S11, OFF
LO Input Return Loss
EN = Low (Note 6)
–2.6
dB
NFLO
LO Input Referred Noise Figure
at 900MHz (Note 5)
14.3
dB
GLO
LO to RF Small Signal Gain
at 900MHz (Note 5)
18.5
dB
IIP3LO
LO Input 3rd Order Intercept
at 900MHz (Note 5)
–4.8
dBm
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
–3dB Bandwidth
400
MHz
VCMBB
DC Common-Mode Voltage
Externally Applied (Note 4)
0.5
0.6
V
RIN
Differential Input Resistance
90
IDC, IN
Baseband Static Input Current
(Note 4)
–24
µA
PLO-BB
Carrier Feedthrough on BB
No Baseband Signal (Note 4)
–42
dBm
IP1dB
Input 1dB Compression Point
Differential Peak-to-Peak (Note 7)
2.9
VP-P,DIFF
ΔGI/Q
I/Q Absolute Gain Imbalance
0.013
dB
ΔϕI/Q
I/Q Absolute Phase Imbalance
0.24
Deg
Power Supply (VCC)
VCC
Supply Voltage
4.5
5
5.25
V
ICC(ON)
Supply Current
EN = High
97
120
mA
ICC(OFF)
Supply Current, Shutdown Mode
EN = 0V
100
µA
tON
Turn-On Time
EN = Low to High (Note 11)
0.4
µs
tOFF
Turn-Off Time
EN = High to Low (Note 12)
1.4
µs
Enable (EN), Low = Off, High = On
Enable
Input High Voltage
Input High Current
EN = High
EN = 5V
1
230
V
µA
Shutdown
Input Low Voltage
EN = Low
0.5
V
ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, fLO = 900MHz, fRF = 902MHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 0.5VDC, Baseband Input Frequency = 2MHz, I & Q 90° shifted (upper
sideband selection). PRF(OUT) = –10dBm, unless otherwise noted. (Note 3)
Note 9: At 20MHz offset from the CW signal frequency.
Note 10: At 5MHz offset from the CW signal frequency.
Note 11: RF power is within 10% of final value.
Note 12: RF power is at least 30dB lower than in the ON state.
Note 13: Baseband is driven by 2MHz and 2.1MHz tones. Drive level is set
in such a way that the two resulting RF tones are –10dBm each.
Note 14: IM2 measured at LO frequency + 4.1MHz
Note 15: IM3 measured at LO frequency + 1.9MHz and LO frequency +
2.2MHz.
Note 16: Amplitude average of the characterization data set without image
or LO feed-through nulling (unadjusted).
Note 17: The difference in conversion gain between the spurious signal at
f = 3 • LO – BB versus the conversion gain at the desired signal at f = LO +
BB for BB = 2MHz and LO = 900MHz.


Similar Part No. - LT5571_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571EUF LINER-LT5571EUF Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5571_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5568 LINER-LT5568_15 Datasheet
334Kb / 16P
   700MHz ??1050MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5568-2 LINER-LT5568-2_15 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com