Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CTP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR10100CTP
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CTP Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR10100CTP_15 Datasheet HTML 1Page - Diodes Incorporated MBR10100CTP_15 Datasheet HTML 2Page - Diodes Incorporated MBR10100CTP_15 Datasheet HTML 3Page - Diodes Incorporated MBR10100CTP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR10100
Document number: DS31412 Rev. 11 - 2
2 of 4
www.diodes.com
April 2011
© Diodes Incorporated
MBR10100CTP
Maximum Ratings (Per Leg) @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
Average Rectified Output Current
(Per Leg)
IO
5
A
(Total)
10
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
100
A
Isolation Voltage
From Terminal Heatsink t = 1 min.
VAC
2000
V
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Case
RθJC
3
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics (Per Leg) @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
0.79
0.85
V
IF = 5A, TJ = 25ºC
-
0.65
0.75
IF = 5A, TJ = 125ºC
Leakage Current (Note 3)
IR
-
-
0.1
mA
VR = 100V, TJ = 25ºC
-
-
15
VR = 100V, TJ = 125ºC
Notes:
3. Short duration pulse test used to minimize self-heating effect.
Fig. 1 Typical Forward Characteristics
0.01
0.1
1
10
100
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0
200
400
600
800
1,000 1,200 1,400
T = 25°C
A
T = -55°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.01
0.1
1
10
100
1,000
10,000
020
40
60
80
100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Similar Part No. - MBR10100CTP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CTP DIODES-MBR10100CTP Datasheet
75Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Sangdest Microelectroni...
MBR10100CTP SMC-MBR10100CTP Datasheet
151Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR10100CTP SMCDIODE-MBR10100CTP Datasheet
276Kb / 4P
   MBR10100CTP SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBR10100CTP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com