Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE91C Datasheet(PDF) 3 Page - Littelfuse

Part # 1.5KE91C
Description  1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE91C Datasheet(HTML) 3 Page - Littelfuse

  1.5KE91C Datasheet HTML 1Page - Littelfuse 1.5KE91C Datasheet HTML 2Page - Littelfuse 1.5KE91C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
www .littelfuse .com
1.5KE6.8 - 1.5KE440CA series
20
1.5KE56
1.5KE56A
1.5KE62
1.5KE62A
1.5KE68
1.5KE68A
1.5KE75
1.5KE75A
1.5KE82
1.5KE82A
1.5KE91
1.5KE91A
1.5KE100
1.5KE100A
1.5KE110
1.5KE110A
1.5KE120*
1.5KE120A*
1.5KE130
1.5KE130A
1.5KE150
1.5KE150A
1.5KE160
1.5KE160A
1.5KE170
1.5KE170A
1.5KE180
1.5KE180A
1.5KE200*
1.5KE200A*
1.5KE220
1.5KE220A
1.5KE250
1.5KE250A
1.5KE300
1.5KE300A
1.5KE350*
1.5KE350A*
1.5KE400
1.5KE400A
1.5KE440
1.5KE440A
Part
Number
(Uni)
Part
Number
(Bi)
1.5KE56C
1.5KE56CA
1.5KE62C
1.5KE62CA
1.5KE68C
1.5KE68CA
1.5KE75C*
1.5KE75CA*
1.5KE82C
1.5KE82CA
1.5KE91C
1.5KE91CA
1.5KE100C
1.5KE100CA
1.5KE110C
1.5KE110CA
1.5KE120C*
1.5KE120CA*
1.5KE130C
1.5KE130CA
1.5KE150C
1.5KE150CA
1.5KE160CC
1.5KE160CA
1.5KE170C
1.5KE170CA
1.5KE180C
1.5KE180CA
1.5KE200C*
1.5KE200CA*
1.5KE220C
1.5KE220CA
1.5KE250C
1.5KE250CA
1.5KE300C*
1.5KE300CA*
1.5KE350C
1.5KE350CA
1.5KE400C*
1.5KE400CA*
1.5KE440C
1.5KE440CA
Reverse
Stand off
Voltage
VR
(Volts)
45.4
47.8
50.2
53.0
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
Breakdown
Voltage
VBR (Volts) @ IT
MIN
50.40
53.20
55.80
58.90
61.20
64.60
67.50
71.30
73.80
77.90
81.90
86.50
90.00
95.00
99.00
105.00
108.00
114.00
117.00
124.00
135.00
143.00
144.00
152.00
153.00
162.00
162.00
171.00
180.00
190.00
198.00
209.00
225.00
237.00
270.00
285.00
315.00
332.00
360.00
380.00
396.00
418.00
MAX
61.60
58.80
68.20
65.10
74.80
71.40
82.50
78.80
90.20
86.10
100.00
95.50
110.00
105.00
121.00
116.00
132.00
126.00
143.00
137.00
165.00
158.00
176.00
168.00
187.00
179.00
198.00
189.00
220.00
210.00
242.00
231.00
275.00
263.00
330.00
315.00
385.00
368.00
440.00
420.00
484.00
462.00
(mA)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Maximum
Reverse
Leakage
IR @ VR
(µA)
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
80.5
77.0
89.0
85.0
98.0
92.0
108.0
103.0
118.0
113.0
131.0
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
631.0
602.0
Maximum
Peak Pulse
Current
IPP
(A)
18.6
19.5
16.9
17.7
15.3
16.3
13.9
14.6
12.7
13.3
11.4
12.0
10.4
11.0
9.5
9.9
8.7
9.1
8.0
8.4
7.0
7.2
6.5
6.8
6.2
6.4
5.8
6.1
5.2
5.5
4.3
4.6
5.0
4.4
3.5
3.6
3.0
3.1
2.6
2.8
2.4
2.5
Suffix ‘C’ denotes Bi-directional device. Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1.
For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2.
VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 100A, 300 µS square wave.
* Preferred voltages.
Max
Voltage
Temperature
Variation
of VBR (%/°C)
0.103
0.103
0.104
0.104
0.104
0.104
0.105
0.105
0.105
0.105
0.106
0.106
0.106
0.106
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
ELECTRICAL SPECIFICATION @ Tamb 25°C


Similar Part No. - 1.5KE91C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE91C TRSYS-1.5KE91C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE91C LUGUANG-1.5KE91C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1.5KE91C DAESAN-1.5KE91C Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE91C WTE-1.5KE91C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE91C LUGUANG-1.5KE91C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE91C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com