Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLSH-4DO Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # CMLSH-4DO
Description  ISOLATED OPPOSING SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLSH-4DO Datasheet(HTML) 3 Page - Central Semiconductor Corp

  CMLSH-4DO_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLSH-4DO_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLSH-4DO_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CMLSH-4DO
SURFACE MOUNT SILICON
DUAL, ISOLATED OPPOSING
SCHOTTKY DIODE
SERVICES
• Bonded Inventory
• Custom Electrical Screening
• Custom Electrical Characteristic Curves
• SPICE Models
• Custom Packaging
• Package Base Options
• Custom Device Development / Multi Discrete Modules (MDM™)
• Bare Die Available for Hybrid Applications
LIMITATIONS AND DAMAGES DISCLAIMER: In no event shall Central be liable for any collateral, indirect,
punitive, incidental, consequential, or exemplary damages in connection with or arising out of a purchase order
or contract or the use of products provided hereunder, regardless of whether Central has been advised of
the possibility of such damages. Excluded damages shall include, but not be restricted to: cost of removal or
reinstallation, rework, ancillary costs to the procurement of substitute products, loss of profits, loss of savings, loss
of use, loss of data, or business interruption. No claim, suit, or action shall be brought against Central more than
two (2) years after the related cause of action has occurred.
In no event shall Central’s aggregate liability from any warranty, indemnity, or other obligation arising out of or in
connection with a purchase order or contract, or any use of any Central product provided hereunder, exceed the
total amount paid to Central for the specific products sold under a purchase order or contract with respect to which
losses or damages are claimed. The existence of more than one (1) claim against the specific products sold to
Buyer under a purchase order or contract shall not enlarge or extend this limit.
Buyer understands and agrees that the foregoing liability limitations are essential elements of a purchase order
or contract and that in the absence of such limitations, the material and economic terms of the purchase order or
contract would be substantially different.
www.centr a lsemi.com
R5 (1-July 2015)


Similar Part No. - CMLSH-4DO_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
More results

Similar Description - CMLSH-4DO_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLSH05-10DA CENTRAL-CMLSH05-10DA_15 Datasheet
885Kb / 3P
   ISOLATED OPPOSING SCHOTTKY DIODE
CMLSH05-10DA CENTRAL-CMLSH05-10DA Datasheet
1Mb / 2P
   500mA, 100V Dual, Isolated Opposing Schottky Diode in SOT-563 package
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_16 Datasheet
143Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6 PANJIT-BAS100ATB6 Datasheet
131Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO Datasheet
855Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
   SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMLSH05-4DO CENTRAL-CMLSH05-4DO_10 Datasheet
578Kb / 2P
   SURFACE MOUNT DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com