Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMSH1-40G Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMMSH1-40G
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMMSH1-40G Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMMSH1-40G Datasheet HTML 1Page - Central Semiconductor Corp CMMSH1-40G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMMSH1-20 CMMSH1-20G*
CMMSH1-40 CMMSH1-40G*
CMMSH1-60 CMMSH1-60G*
CMMSH1-100 CMMSH1-100G*
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIER
1 AMP, 20 THRU 100 VOLTS
SOD-123F CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
MARKING CODES:
DEVICE
CODE
CMMSH1-20
CS20F
CMMSH1-40
CS40F
CMMSH1-60
CS60F
CMMSH1-100
CS100F
CMMSH1-20G*
CS20G
CMMSH1-40G*
CS40G
CMMSH1-60G*
CS60G
CMMSH1-100G*
CS100G
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
UNITS
CJ
VR=4.0V, f=1.0MHz (CMMSH1-20, -20G)
60
pF
CJ
VR=4.0V, f=1.0MHz (CMMSH1-40, -40G)
60
pF
CJ
VR=4.0V, f=1.0MHz (CMMSH1-60, -60G)
50
pF
CJ
VR=4.0V, f=1.0MHz (CMMSH1-100, -100G)
40
pF
* Device is Halogen Free by design
www.centr a lsemi.com
R5 (25-January 2010)


Similar Part No. - CMMSH1-40G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-40G CENTRAL-CMMSH1-40G Datasheet
283Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
More results

Similar Description - CMMSH1-40G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com