Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMSH1-60G Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMMSH1-60G
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMMSH1-60G Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMMSH1-60G Datasheet HTML 1Page - Central Semiconductor Corp CMMSH1-60G Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMMSH1-20 CMMSH1-20G*
CMMSH1-40 CMMSH1-40G*
CMMSH1-60 CMMSH1-60G*
CMMSH1-100 CMMSH1-100G*
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIER
1 AMP, 20 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMMSH1 Series
are high current Schottky rectifiers in the SOD-123F
surface mount package. These devices are suitable for
design applications such as AC/DC, DC/DC converters,
and reverse battery protection circuits in a variety of
portable and battery powered products.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMMSH1
-20
-40
-60
-100
SYMBOL
-20G
-40G
-60G
-100G
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
60
100
V
DC Blocking Voltage
VR
20
40
60
100
V
RMS Reverse Voltage
VR(RMS)
14
28
42
70
V
Average Forward Current (TL=75°C)
IO
1.0
A
Peak Forward Surge Current (8.3ms)
IFSM
30
A
Power Dissipation (Note 1)
PD
1.14
W
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
88
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
0.50
mA
IR
VR=Rated VRRM, TA=100°C
10
mA
VF
IF=1.0A (CMMSH1-20, -20G)
0.45
V
VF
IF=1.0A (CMMSH1-40, -40G)
0.55
V
VF
IF=1.0A (CMMSH1-60, -60G)
0.70
V
VF
IF=1.0A (CMMSH1-100, -100G)
0.85
V
FEATURES:
• Small size (58% smaller than the SMA package)
• 67% lower profile than SMA
• Greatly improved power dissipation per board
area as compared to the SMA
• High Current, Low Forward Voltage
• Thermally efficient Flat Lead package design
MARKING CODES:
DEVICE
CODE
CMMSH1-20
CS20F
CMMSH1-40
CS40F
CMMSH1-60
CS60F
CMMSH1-100
CS100F
Halogen Free Devices:
DEVICE
CODE
CMMSH1-20G
CS20G
CMMSH1-40G
CS40G
CMMSH1-60G
CS60G
CMMSH1-100G
CS100G
Notes: (1) FR-4 Epoxy PC Board with Copper Mounting Pad Area of 2.9mm2
* Device is Halogen Free by design
SOD-123F CASE
R5 (25-January 2010)
www.centr a lsemi.com


Similar Part No. - CMMSH1-60G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-60G CENTRAL-CMMSH1-60G Datasheet
283Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
More results

Similar Description - CMMSH1-60G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com