Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPSH-3C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPSH-3C
Description  SURFACE MOUNT SILICON SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPSH-3C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPSH-3C Datasheet HTML 1Page - Central Semiconductor Corp CMPSH-3C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPSH-3
CMPSH-3A
CMPSH-3C
CMPSH-3S
SURFACE MOUNT
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPSH-3 series
types are Silicon Schottky diodes designed for surface
mount fast switching applications requiring a low
forward voltage drop.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
30
V
Continuous Forward Current
IF
100
mA
Peak Repetitive Forward Current
IFRM
350
mA
Peak Forward Surge Current, tp=10ms
IFSM
750
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=25V
90
500
nA
IR
VR=25V, TA=100°C
25
100
μA
BVR
IR=100μA
30
V
VF
IF=2.0mA
0.29
0.33
V
VF
IF=15mA
0.40
0.45
V
VF
IF=100mA
0.74
1.00
V
CT
VR=1.0V, f=1.0MHz
7.0
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
The following configurations are available:
CMPSH-3
SINGLE
MARKING CODE: D95
CMPSH-3A
DUAL, COMMON ANODE
MARKING CODE: DB1
CMPSH-3C
DUAL, COMMON CATHODE
MARKING CODE: DB2
CMPSH-3S
DUAL, IN SERIES
MARKING CODE: DA5
SOT-23 CASE
R6 (27-January 2010)
www.centra lsemi.com


Similar Part No. - CMPSH-3C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH-3C CENTRAL-CMPSH-3C Datasheet
79Kb / 2P
   SCHOTTKY DIODES
logo
SeCoS Halbleitertechnol...
CMPSH-3C SECOS-CMPSH-3C Datasheet
100Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Array
logo
Rectron Semiconductor
CMPSH-3C RECTRON-CMPSH-3C Datasheet
296Kb / 2P
   SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
Central Semiconductor C...
CMPSH-3C CENTRAL-CMPSH-3C Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
logo
Micro Commercial Compon...
CMPSH-3C MCC-CMPSH-3C Datasheet
172Kb / 3P
   350mW 30Volt Switching Diode
More results

Similar Description - CMPSH-3C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBAT54W CENTRAL-CBAT54W Datasheet
132Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54 CENTRAL-CBAT54_15 Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3 CENTRAL-CMSSH-3_10 Datasheet
670Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUSH2-4 CENTRAL-CMUSH2-4_10 Datasheet
483Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPSH-3 CENTRAL-CMPSH-3_10 Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUSH2-4 CENTRAL-CMUSH2-4_15 Datasheet
494Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54W CENTRAL-CBAT54W_15 Datasheet
410Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3 CENTRAL-CMSSH-3_15 Datasheet
687Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT754 CENTRAL-CBAT754 Datasheet
114Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CBAT54 CENTRAL-CBAT54_10 Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E_15 Datasheet
500Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com