Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH1-20 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH1-20
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH1-20 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH1-20_15 Datasheet HTML 1Page - Central Semiconductor Corp CMSH1-20_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH1-20
CMSH1-60
CMSH1-40
CMSH1-100
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
1 AMP, 20 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH1-20 Series
1.0 Amp Surface Mount Silicon Rectifier is a high
quality, well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer, and automotive applications.
To order devices on 12mm Tape and Reel (3000/13”
Reel), add TR13 suffix to part number.
FEATURES:
• Low cost
• Superior lot to lot consistency
• High reliability
• “C” bend construction provides strain relief when
mounted on pc board
• Special selections available
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMSH1 CMSH1
CMSH1 CMSH1
SYMBOL
-20
-40
-60
-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
60
100
V
DC Blocking Voltage
VR
20
40
60
100
V
RMS Reverse Voltage
VR(RMS)
14
28
42
70
V
Average Forward Current (TA=75°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.50
mA
IR
VR=Rated VRRM, TA=125°C
20
mA
VF
IF=1.0A (CMSH1-20, -40)
0.55
V
VF
IF=1.0A (CMSH1-60)
0.70
V
VF
IF=1.0A (CMSH1-100)
0.85
V
CJ
VR=4.0V, f=1.0MHz, (CMSH1-20, -40)
110
pF
CJ
VR=4.0V, f=1.0MHz, (CMSH1-60)
80
pF
CJ
VR=4.0V, f=1.0MHz, (CMSH1-100)
50
pF
SMB CASE
R3 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSH1-20_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20 CENTRAL-CMSH1-20_10 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 20 THRU 100 VOLTS
More results

Similar Description - CMSH1-20_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-60 CENTRAL-CSHD3-60_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-100MHV CENTRAL-CMSH3-100MHV_15 Datasheet
292Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-20M CENTRAL-CMSH3-20M_15 Datasheet
296Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH4-200M364 CENTRAL-CTLSH4-200M364_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-45L CENTRAL-CTLSH10-45L Datasheet
655Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH-4 CENTRAL-CZSH-4_15 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH2-20 CENTRAL-CMSH2-20_15 Datasheet
295Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CSHD3-40 CENTRAL-CSHD3-40_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com