Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH1-40HE Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH1-40HE
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH1-40HE Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH1-40HE_15 Datasheet HTML 1Page - Central Semiconductor Corp CMSH1-40HE_15 Datasheet HTML 2Page - Central Semiconductor Corp CMSH1-40HE_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMSH1-40HE
CMSH1-100HE
CMSH1-60HE
CMSH1-150HE
CMSH1-80HE
CMSH1-200HE
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIERS
1.0 AMP, 40 THRU 200 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH1-40HE
series 1.0 Amp surface mount silicon Schottky rectifier
is a highly efficiency component designed for use
in all types of commercial, industrial, entertainment,
computer, and automotive applications.
FEATURES:
• High reliability
• High efficiency Schottky rectifier
• 40V to 200V range
• Low leakage current
• Low VF
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMSH1
SYMBOL -40HE -60HE -80HE -100HE -150HE -200HE UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
80
100
150
200
V
DC Blocking Voltage
VR
40
60
80
100
150
200
V
RMS Reverse Voltage
VR(RMS)
28
42
56
70
105
140
V
Average Forward Current
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage Junction Temperature TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
50
μA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=1.0A (CMSH1-40HE)
0.70
V
VF
IF=1.0A (CMSH1-60HE)
0.74
V
VF
IF=1.0A (CMSH1-80HE, -100HE)
0.80
V
VF
IF=1.0A (CMSH1-150HE, -200HE)
0.90
V
SMA CASE
R2 (6-May 2015)
www.centr a lsemi.com


Similar Part No. - CMSH1-40HE_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
   1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
More results

Similar Description - CMSH1-40HE_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-40 CENTRAL-CMMSH1-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS SCHOTTKY RECTIFIERS
CSHD5-40 CENTRAL-CSHD5-40_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-100MFL CENTRAL-CMSH3-100MFL_15 Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-20 CENTRAL-CMSH5-20_15 Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-20M CENTRAL-CMSH1-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH2-20M CENTRAL-CMSH2-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20MA CENTRAL-CMSH3-20MA_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD8-60 CENTRAL-CSHD8-60_15 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com