Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH2-40L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH2-40L
Description  SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH2-40L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH2-40L Datasheet HTML 1Page - Central Semiconductor Corp CMSH2-40L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSH2-20L
CMSH2-40L
SURFACE MOUNT
LOW VF
SILICON SCHOTTKY RECTIFIER
2 AMP, 20 AND 40 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH2-20L
Series 2.0 Amp Surface Mount Low VF Schottky
Rectifier is a high quality, well constructed, highly
reliable component designed for use in all types of
commercial, industrial, entertainment, computer,
and automotive applications where high efficiency is
required. To order devices on 12mm Tape and Reel
(3000/13” Reel), add TR13 suffix to part number.
FEATURES:
• Low forward voltage drop
• Flammability classification UL94V-0
• High current capability
• Superior lot to lot consistency
• Low cost
• High reliability
• “C” bend construction provides strain relief when mounted
on pc board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMSH2-20L
CMSH2-40L
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
V
DC Blocking Voltage
VR
20
40
V
RMS Reverse Voltage
VR(RMS)
14
28
V
Average Forward Current (TL=105°C)
IO
2.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.50
mA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=2.0A
0.40
V
CJ
VR=4.0V, f=1.0MHz
150
pF
MARKING CODES: CMSH2-20L: CS220L
CMSH2-40L: CS240L
SMB CASE
R3 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSH2-40L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-40L CENTRAL-CMSH2-40L Datasheet
74Kb / 2P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 AND 40 VOLTS
CMSH2-40L CENTRAL-CMSH2-40L Datasheet
360Kb / 2P
   SURFACE MOUNT LOW VF SILICON SCHOTTKY RECTIFIER 2 AMP, 20 AND 40 VOLTS
More results

Similar Description - CMSH2-40L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833S CENTRAL-CTLSH3-30M833S_15 Datasheet
600Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM8110-M832D CENTRAL-CTLM8110-M832D_15 Datasheet
602Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com