Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSH2-100M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSH2-100M
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSH2-100M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSH2-100M Datasheet HTML 1Page - Central Semiconductor Corp CMSH2-100M Datasheet HTML 2Page - Central Semiconductor Corp CMSH2-100M Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMSH2-20M
CMSH2-60M
CMSH2-40M
CMSH2-100M
SURFACE MOUNT SILICON
SCHOTTKY RECTIFIERS
2.0 AMP, 20 THRU 100 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSH2-20M
series 2.0 Amp surface mount silicon Schottky rectifier
is a well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer, and automotive applications.
FEATURES:
• High current capability
• Flammability classification UL94V-0
• High reliability
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMSH2
CMSH2
CMSH2
CMSH2
SYMBOL
-20M
-40M
-60M
-100M
UNITS
Peak Repetitive Reverse Voltage
VRRM
20
40
60
100
V
DC Blocking Voltage
VR
20
40
60
100
V
RMS Reverse Voltage
VR(RMS)
14
28
42
71
V
Average Forward Current (TL=75°C)
IO
2.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
30
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.50
mA
IR
VR=Rated VRRM, TA=100°C
20
mA
VF
IF=2.0A (CMSH2-20M, -40M)
0.55
V
VF
IF=2.0A (CMSH2-60M)
0.70
V
VF
IF=2.0A (CMSH2-100M)
0.85
V
CJ
VR=4.0V, f=1.0MHz (CMSH2-20M, -40M)
150
pF
CJ
VR=4.0V, f=1.0MHz (CMSH2-60M, -100M)
120
pF
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMA CASE
R3 (6-May 2015)
www.centr a lsemi.com


Similar Part No. - CMSH2-100M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-100M CENTRAL-CMSH2-100M Datasheet
131Kb / 2P
   HIGH DENSITY SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS
CMSH2-100M CENTRAL-CMSH2-100M Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 2 AMP, 20 THRU 100 VOLTS
More results

Similar Description - CMSH2-100M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMSH1-40 CENTRAL-CMMSH1-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS SCHOTTKY RECTIFIERS
CSHD5-40 CENTRAL-CSHD5-40_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20 CENTRAL-CMSH3-20_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-100HV CENTRAL-CMSH5-100HV_15 Datasheet
453Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-40HE CENTRAL-CMSH1-40HE_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-100MFL CENTRAL-CMSH3-100MFL_15 Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH5-20 CENTRAL-CMSH5-20_15 Datasheet
349Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH1-20M CENTRAL-CMSH1-20M_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CMSH3-20MA CENTRAL-CMSH3-20MA_15 Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD8-60 CENTRAL-CSHD8-60_15 Datasheet
419Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com