Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8076EL Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SP8076EL
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8076EL Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SP8076EL Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8076EL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SP8076EL
Ver 1.4
www.samhop.com.tw
Sep,24,2014
5
Safe operating area
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0.1
Mounted on FR-4 board
Single Pulse
Pulse width tw (S)
rth-tw
0.1
1
10
100
10
1
RDS
(O
N)
Limit
0.1
VGS=10V
Single Pulse
TA=25 C
t=1ms
t=10
0us
t=10ms
t=1s
Drain-source voltage VDS (V)
DC


Similar Part No. - SP8076EL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP8076E SAMHOP-SP8076E Datasheet
118Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - SP8076EL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com