Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6221 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6221
Description  Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6221 Datasheet(HTML) 1 Page - Linear Technology

  LT6221_15 Datasheet HTML 1Page - Linear Technology LT6221_15 Datasheet HTML 2Page - Linear Technology LT6221_15 Datasheet HTML 3Page - Linear Technology LT6221_15 Datasheet HTML 4Page - Linear Technology LT6221_15 Datasheet HTML 5Page - Linear Technology LT6221_15 Datasheet HTML 6Page - Linear Technology LT6221_15 Datasheet HTML 7Page - Linear Technology LT6221_15 Datasheet HTML 8Page - Linear Technology LT6221_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT6220/LT6221/LT6222
1
622012fc
For more information www.linear.com/LT6220/LT6221/LT6222
Typical applicaTion
Single/Dual/Quad 60MHz,
20V/µs, Low Power, Rail-to-Rail Input
and Output Precision Op Amps
The LT®6220/LT6221/LT6222 are single/dual/quad, low
power, high speed rail-to-rail input and output operational
amplifiers with excellent DC performance. The LT6220/
LT6221/LT6222 feature reduced supply current, lower
input offset voltage, lower input bias current and higher
DC gain than other devices with comparable bandwidth.
Typically, the LT6220/LT6221/LT6222 have an input offset
voltageoflessthan100µV,aninputbiascurrentoflessthan
15nA and an open-loop gain of 100V/mV. The parts have
an input range that includes both supply rails and an output
that swings within 10mV of either supply rail to maximize
the signal dynamic range in low supply applications.
The LT6220/LT6221/LT6222 maintain performance for
supplies from 2.2V to 12.6V and are specified at 3V, 5V
and ±5V supplies. The inputs can be driven beyond the
supplies without damage or phase reversal of the output.
The LT6220 is housed in the 8-lead SO package with the
standard op amp pinout as well as the 5-lead SOT-23
package. The LT6221 is available in 8-lead SO and DFN
(3mm
×3mmlowprofiledualfinepitchleadless)packages
with the standard op amp pinout. The LT6222 features the
standard quad op amp configuration and is available in
the 16-lead SSOP package. The LT6220/LT6221/LT6222
can be used as plug-in replacements for many op amps
to improve input/output range and performance.
applicaTions
n
Gain Bandwidth Product: 60MHz
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Low Quiescent Current: 1mA Max
n
Input Offset Voltage: 350µV Max
n
Input Bias Current: 150nA Max
n
Wide Supply Range: 2.2V to 12.6V
n
Large Output Current: 50mA Typ
n
Low Voltage Noise: 10nV√Hz Typ
n
Slew Rate: 20V/µs Typ
n
Common Mode Rejection: 102dB Typ
n
Power Supply Rejection: 105dB Typ
n
Open-Loop Gain: 100V/mV Typ
n
Operating Temperature Range: –40°C to 85°C
n
Single in the 8-Lead SO and 5-Lead Low Profile
(1mm) ThinSOT™ Packages
n
Dual in the 8-Lead SO and (3mm
× 3mm) DFN
Packages
n
Quad in the 16-Lead SSOP Package
n
Low Voltage, High Frequency Signal Processing
n
Driving A/D Converters
n
Rail-to-Rail Buffer Amplifiers
n
Active Filters
n
Video Amplifiers
n
Fast Current Sensing Amplifiers
Stepped-Gain Photodiode Amplifier
VOS Distribution, VCM = 0V
(S8, PNP Stage)
+
IPD
PHOTODIODE
~4pF
VS+
VS+
VS+
VS–
VS–
LT6220
100k
3.24k
33k
10k
1pF
30pF
LT1634-1.25
VOUT
VS = ±1.5V TO ±5V
VOUT = 0V TO –1.25V, TRANSIMPEDANCE = 100k
VOUT < –1.25V, TRANSIMPEDANCE = (100k || 3.24k) = 3.14k
622012 TA01a
INPUT OFFSET VOLTAGE (µV)
–250
30
40
50
150
622012 TA01b
20
10
25
35
45
15
5
0
–150
–50 0 50
250
VS = 5V, 0V
VCM = 0V
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
FeaTures
DescripTion


Similar Part No. - LT6221_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6221CDD LINER-LT6221CDD Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221CS8 LINER-LT6221CS8 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221IDD LINER-LT6221IDD Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
LT6221IS8 LINER-LT6221IS8 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT6221_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6220 LINER-LT6220_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6222 LINER-LT6222_15 Datasheet
370Kb / 22P
   Single/Dual/Quad 60MHz, 20V/s, Low Power, Rail-to-Rail Input
LT6220 LINER-LT6220 Datasheet
279Kb / 20P
   Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
logo
Diodes Incorporated
APX393 DIODES-APX393 Datasheet
156Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL INPUT DUAL/QUAD
APX393/APX339 Rev. 5
logo
Texas Instruments
LMC6681 TI1-LMC6681 Datasheet
793Kb / 26P
[Old version datasheet]   Single/LMC6682 Dual/LMC6684 Quad Low Voltage, Rail-To-Rail Input
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5611 INTERSIL-EL5611 Datasheet
251Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com