Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW61BLT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # BCW61BLT1
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW61BLT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  BCW61BLT1 Datasheet HTML 1Page - Leshan Radio Company BCW61BLT1 Datasheet HTML 2Page - Leshan Radio Company BCW61BLT1 Datasheet HTML 3Page - Leshan Radio Company BCW61BLT1 Datasheet HTML 4Page - Leshan Radio Company BCW61BLT1 Datasheet HTML 5Page - Leshan Radio Company BCW61BLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M10–3/6
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 +4KTR
S +I n
2 R
S
2
4KTR
S
TYPICAL NOISE CHARACTERISTICS
(V
CE = –5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
Figure 2. Noise Current
BANDWIDTH = 1.0 Hz
R
S
0
I
C=10 µA
100
µA
30
µA
300
µA
1.0mA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = –5.0 Vdc, T A = 25°C)
10
7.0
5.0
3.0
2.0
1.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10 k
1.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
0.5 dB
2.0 dB
1.0 dB
3.0 dB
5.0dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
10 Hz to 15.7KHz
10
µA
BCW61BLT1 BCW61CLT1 BCW61DLT1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
I
C , COLLECTOR CURRENT (µA)
Figure 3. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 5. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
~
~
~
~


Similar Part No. - BCW61BLT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
BCW61BLT1 WINNERJOIN-BCW61BLT1_15 Datasheet
150Kb / 1P
   PNP TRANSISTOR
More results

Similar Description - BCW61BLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com