Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12L01 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STD12L01
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD12L01 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STD12L01 Datasheet HTML 1Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STD12L01 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STD12L01
Ver 1.3
www.samhop.com.tw
Oct,29,2010
6
PACKAGE OUTLINE DIMENSIONS
TO-251
E2
D
E
D1
12
3
L2
P
L1
H
B
B2
B1
E1
A
C
D3
A1
SYMBOL
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.100
2.500
A1
0.350
0.650
B
0.400
B1
0.650
1.050
0.500
B2
0.900
C
0.400
0.600
D
5.300
5.700
D1
4.900
5.300
6.700
D2
7.300
D3
7.000
8.000
H
13.700
E
6.300
6.700
E1
4.600
4.900
4.800
5.200
E2
L
1.300
L1
1.400
L
D2
L2
P
0.800
15.300
1.700
1.800
0.500
0.900
2.300 BSC
0.091 BSC
0.083
0.098
0.014
0.026
0.016
0.031
0.026
0.041
0.020
0.035
0.016
0.024
0.209
0.224
0.193
0.209
0.264
0.287
0.276
0.315
0.539
0.602
0.248
0.264
0.181
0.193
0.189
0.205
0.051
0.067
0.055
0.071
0.020
0.035


Similar Part No. - STD12L01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD12L01 VBSEMI-STD12L01 Datasheet
979Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
SamHop Microelectronics...
STD12L01A SAMHOP-STD12L01A Datasheet
96Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
SHENZHEN DOINGTER SEMIC...
STD12L01A DOINGTER-STD12L01A Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD12L01

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com