Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF06N20 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STF06N20
Description  Super high dense cell design for low RDS(ON).
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF06N20 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STF06N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 8Page - SamHop Microelectronics Corp. STF06N20 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
S mHop Microelectronics C orp.
a
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-220 and TO-220F Package.
N-Channel Enhancement Mode Field Effect Transistor
www.samhop.com.tw
Oct,28,2013
1
Details are subject to change without notice.
S
G
D
Ver 1.0
G D S
STF SERIES
TO-220F
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (
Ω) Typ
200V
1.1 @ VGS=10V
Symbol
VDS
VGS
IDM
W
A
PD
°C
75
-55 to 175
ID
Units
Parameter
200
5
15
V
V
±20
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
STP06N20
Drain Current-Continuous
-Pulsed
a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
62.5
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TC=25°C
5
15
±20
STF06N20
TC=100°C
A
3.5
3.5
37.5
W
TC=100°C
2
°C/W
Thermal Resistance, Junction-to-Case
R JC
G D S
STP SERIES
TO-220
25
12.5
a
62.5
6
STP06N20
STF06N20
Green
Product
1.3 @ VGS=4.5V
5A


Similar Part No. - STF06N20

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STF0402 SUPERWORLD-STF0402 Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402100YZF SUPERWORLD-STF0402100YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402151YZF SUPERWORLD-STF0402151YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402221YZF SUPERWORLD-STF0402221YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
STF0402400YZF SUPERWORLD-STF0402400YZF Datasheet
493Kb / 6P
   COMMON MODE CHOKE
More results

Similar Description - STF06N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com