Electronic Components Datasheet Search |
|
W57L5111P Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH |
|
W57L5111P Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH |
1 / 4 page 17.08.2010 w57l5111p.doc 1 of 4 W57L5111P TECHNICAL DATA White LED 5 mm, InGaN Features Applications • High Luminous LEDs • 5mm Round Standard Directivity • Long Lifetime Operation • Superior Weather-resistance • UV Resistant Epoxy • Water Clear Type • Automotive Dashboard Lighting • Small Area Illuminations • Back Lighting • Other Lighting Diretivity: Absolute Maximum Ratings (Ta=25°C) Item Symbol Value Unit Power Dissipation PD 190 mW Forward Current IF 50 mA Pulse Forward Current * IFP 120 mA Reverse Voltage VR 5 V Operating Temperature Topr -30 … +85 °C Storage Temperature Tstg -40 … +100 °C Soldering Temperature (5 sec.) Tsol 260 °C * pulse width max. 10 ms, duty ratio max. 1/10 Outline Dimension: Specifications (Ta=25°C) Item Condition Symbol Min. Typ. Max. Unit Optical Specifications Luminous Intensity * 1 IF = 50 mA IV 45000 60000 - mcd Chromatictiy IF = 50 mA x - 0.27 - Coordinates * 2 IF = 50 mA y - 0.28 - Viewing Angle IF = 50 mA 2Θ1/2 - 15 - deg Electrical Specifications Forward Voltage IF = 50 mA UF 3.0 3.3 3.8 V Reverse Voltage UF = 5 V UR - - 10 µA * 1 Tolerance of chromaticity coordinates is ±10% * 2 Tolerance of luminous intensity is ±15% PIN Function 1 LED Anode 2 LED Cathode Unit: mm Tolerance: ±0.3 mm |
Similar Part No. - W57L5111P |
|
Similar Description - W57L5111P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |