Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPD2003S Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPD2003S
Description  HIGH VOLTAGE SILICON SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2003S Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPD2003S_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPD2003S_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE
SILICON SWITCHING DIODE
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IR
VR=200V
-
100
-
-
nA
IR
VR=200V, TA=150°C
-
100
-
-
μA
IR
VR=240V
-
-
-
100
nA
IR
VR=240V, TA=150°C
-
-
-
100
μA
BVR
IR=100μA
250
-
300
-
V
VF
IF=100mA
-
1.0
-
1.0
V
VF
IF=200mA
-
1.25
-
-
V
CT
VR=0, f=1.0MHz
-
5.0
-
5.0
pF
trr
IR=IF=30mA, RL=100Ω, Rec. to 3.0mA
-
50
-
50
ns
SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODE: SEE PREVIOUS PAGE
LEAD CODE:
LEAD CODE:
LEAD CODE:
LEAD CODE:
1) Anode
1) Cathode D2
1) Anode D2
1) Anode D2
2) No Connection
2) Cathode D1
2) Anode D1
2) Cathode D1
3) Cathode
3) Anode D1, D2
3) Cathode D1, D2
3) Anode D1, Cathode D2
CMPD2003
CMPD2004
CMPD2003A
CMPD2004A
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
PIN CONFIGURATIONS
www.centralsemi.com
R9 (25-January 2010)


Similar Part No. - CMPD2003S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003S CENTRAL-CMPD2003S Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMPD2003S CENTRAL-CMPD2003S Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2003S CENTRAL-CMPD2003S Datasheet
590Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results

Similar Description - CMPD2003S_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N3070 CENTRAL-1N3070 Datasheet
58Kb / 1P
   HIGH VOLTAGE SILICON SWITCHING DIODE
logo
Siemens Semiconductor G...
BAW78M SIEMENS-BAW78M Datasheet
33Kb / 4P
   Silicon Switching Diode (Switching applications High breakdown voltage)
logo
AiT Semiconductor Inc.
BAV19WS AITSEMI-BAV19WS Datasheet
618Kb / 5P
   SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
logo
Central Semiconductor C...
CMDD2004 CENTRAL-CMDD2004_10 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMOD2004 CENTRAL-CMOD2004_15 Datasheet
494Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_11 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_15 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_15 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMHD2003 CENTRAL-CMHD2003_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com