Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSD4448 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSD4448
Description  HIGH SPEED SILICON SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSD4448 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSD4448_15 Datasheet HTML 1Page - Central Semiconductor Corp CMSD4448_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSD4448
SURFACE MOUNT
HIGH SPEED
SILICON SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSD4448 type is
a ultra-high speed silicon switching diode manufactured
by the epitaxial planar process, in an epoxy molded
SUPERminiTM surface mount package, designed for
high switching applications.
MARKING CODE: ADA
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
75
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
500
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
275
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
455
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=20V
25
nA
BVR
IR=5.0μA
75
V
BVR
IR=100μA
100
V
VF
IF=5.0mA
0.62
0.72
V
VF
IF=100mA
1.0
V
CT
VR=0, f=1.0MHz
4.0
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
4.0
ns
SOT-323 CASE
R5 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSD4448_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448_10 Datasheet
475Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CMSD4448_15

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
   SILICON HIGH SPEED SWITCHING DIODE
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
    HIGH SPEED SILICON SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
1N914 CDIL-1N914 Datasheet
227Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
1N4148 CDIL-1N4148 Datasheet
180Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com