Electronic Components Datasheet Search |
|
130135-0268 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
130135-0268 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 04/20/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 130135-0268 Status: Active Overview: Outlet Boxes Description: Super-Safeway® Angled GFCI Outlet Box, F3 (3/4") Cord Grip Body, Including NEMA 5-20 GFCI & Duplex Receptacles with Flip Lids and 1.83m (6.0') Cord Length, 12/3 SOOW Cord & Cont. Monitor Documents: RoHS Certificate of Compliance (PDF) Product Literature (PDF) Product Literature (PDF) General Product Family Power Distribution Series 130135 Enclosure Rating NEMA 4 GFCI Reset Manual Mounting Style Portable Open Neutral Relay No Overview Outlet Boxes Product Literature Order No 987650-7737, 987651-0452 Product Name Super-Safeway™ Receptacle Type GFCI Duplex Type Angled GFCI Outlet Box UPC 78678809542 Woodhead Yes Physical Cord Diameter 15.24mm (.600") Cord Grip Body Size F3 3/4" Cord Length 1.83m (6.0') Feed-Thru No Flip Lid Yes Material - Housing Rubber Number of Receptacles 2 Packaging Type Carton Electrical Cord Type 12/3 SOOW Current - Maximum per Contact 20.0A GFCI Yes Ground Continuity Monitor Yes NEMA Configuration NEMA 5-20 Voltage - Maximum 120V Material Info Old Part Number 3324L123 Series image - Reference only EU RoHS China RoHS Not RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 130135Series This document was generated on 04/20/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 130135-0268 |
|
Similar Description - 130135-0268 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |