Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK103 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STK103
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK103 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STK103 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK103 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STK103
www.samhop.com.tw
Jul,13,2011
5
Unclamped Inductive Test Circuit
Figure 13a.
Unclamped Inductive Waveforms
Figure 13b.
tp
V(B R )DS S
IAS
Ver 1.1
10
-3
10
-4
PDM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=See Datasheet
3. TJM-TA =P*R JA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
10
-1
10
1
10
2
10
0
10
-1
10
-2
10
-3
0.02
0.05
0.1
0.2
D=0.5
10
-2
0.01
Square Wave Pulse Duration (msec)
Figure 14. Normalized Thermal Transient Impedance Curve
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
DD
20V
V


Similar Part No. - STK103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1030 ETC-STK1030 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
STK1030 ETC-STK1030 Datasheet
58Kb / 2P
   3OW min. AF Power Amplifier Output Stage (D.P.P.)
STK1035 ETC-STK1035 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
STK1039 ETC-STK1039 Datasheet
146Kb / 2P
   OUTPUT STAGE OF AF POWER AMP
More results

Similar Description - STK103

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com