Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1289 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1289
Description  3 Volt Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1289_15 Datasheet HTML 4Page - Linear Technology LTC1289_15 Datasheet HTML 5Page - Linear Technology LTC1289_15 Datasheet HTML 6Page - Linear Technology LTC1289_15 Datasheet HTML 7Page - Linear Technology LTC1289_15 Datasheet HTML 8Page - Linear Technology LTC1289_15 Datasheet HTML 9Page - Linear Technology LTC1289_15 Datasheet HTML 10Page - Linear Technology LTC1289_15 Datasheet HTML 11Page - Linear Technology LTC1289_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1289
1289fb
TEST CIRCUITS
3V
A
A
IOFF
ION
POLARITY
OFF
CHANNELS
ON CHANNEL
LTC1283 TC01
On and Off Channel Leakage Current
Voltage Waveforms for ten and tdis
Voltage Waveforms for DOUT Rise and Fall Times, tr,tf
DOUT
0.6V
2.1V
tr
tf
LTC1289 TC04
Load Circuit for tdis and ten
Load Circuit for tdDO, tr and tf
Voltage Waveforms for DOUT Delay Time, tdDO
SCLK
DOUT
0.45V
tdDO
0.6V
2.1V
LTC1289 TC03
DOUT
1.5V
3k
100pF
TEST POINT
LTC1289 TC02
DOUT
3k
100pF
TEST POINT
3V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1289 TC05
DOUT
WAVEFORM 1
(SEE NOTE 1)
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH CONDITIONS SUCH THAT THE OUTPUT IS HIGH
UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT
IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1289 TC06
ten
2.1V
0.6V
ACLK
12
2.1V


Similar Part No. - LTC1289_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289BC LINER-LTC1289BC Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCJ LINER-LTC1289BCJ Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCJ LINER-LTC1289BCJ Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCJ LINER-LTC1289BCJ Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCN LINER-LTC1289BCN Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1289_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289 LINER-LTC1289 Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289CCSW LINER-LTC1289CCSW Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289CCSW LINER-LTC1289CCSW Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com