Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT3946DW1T1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # MBT3946DW1T1
Description  Dual General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MBT3946DW1T1 Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button MBT3946DW1T1 Datasheet HTML 2Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 3Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 4Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 5Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 6Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 7Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 8Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 9Page - Leshan Radio Company MBT3946DW1T1 Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
MBT3904–6/12
MBT3904DW1T1 (NPN)
h PARAMETERS
(V CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
300
200
100
70
50
30
MBT3904DW1T1, MBT3906DW1T1, MBT3946DW1T1
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
1.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
100
50
20
10
5
2
1
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
I C , COLLECTOR CURRENT (mA)
Figure 11. Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 12. Output Admittance
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
10
5.0
2.0
1.0
0.5
0.2
I C , COLLECTOR CURRENT (mA)
Figure 13. Input Impedance
I C , COLLECTOR CURRENT (mA)
Figure 14. Voltage Feedback Ratio


Similar Part No. - MBT3946DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT3946DW1T1 ONSEMI-MBT3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
E-Tech Electronics LTD
MBT3946DW1T1 ETL-MBT3946DW1T1 Datasheet
720Kb / 10P
   Dual General Purpose Transistors
logo
ON Semiconductor
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
More results

Similar Description - MBT3946DW1T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com