Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APG2C1-830 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # APG2C1-830
Description  High Power Single Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APG2C1-830 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  APG2C1-830 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APG2C1-830 Datasheet HTML 2Page - Roithner LaserTechnik GmbH APG2C1-830 Datasheet HTML 3Page - Roithner LaserTechnik GmbH APG2C1-830 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13.08.2012
APG2C1-830
3 / 4
Accessories
Collimating optics, holders, reflectors
10158 + 10146, 2° half angle spot optic + optic holder
10048 + 10076, 4° half angle spot optic + optic holder
10003 + 10043, 6° half angle spot optic + optic holder
10003/15 + 10043, 15° half angle spot optic + optic holder
10003/25 + 10043, 25° half angle spot optic + optic holder
CLP17CR, 6° metalized polycarbonate reflector
CLP23CR, 20° metalized polycarbonate reflector
Static Electricity
LEDs are very sensitive to static Electricity and surge voltage. It is recommended to wear a wristband or
an anti-electrostatic glove whenever handling the LEDs
All devices, equipment, and machinery that is used when handling the LEDs must be grounded
properly.
Heat Generation
It is advised to operate these LEDs at a reasonable low temperature for long lifetime and stability. High
operating temperature will result in premature degradation and shortened lifetime.


Similar Part No. - APG2C1-830

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-850 ROITHNER-APG2C1-850 Datasheet
322Kb / 4P
   High Power Single Chip LED
APG2C1-880 ROITHNER-APG2C1-880 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results

Similar Description - APG2C1-830

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
H2A1-H385 ROITHNER-H2A1-H385 Datasheet
316Kb / 4P
   High Power single chip LED
H2A1-H880 ROITHNER-H2A1-H880 Datasheet
277Kb / 4P
   High Power single chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com