Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130135-0240 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130135-0240
Description  Watertite GFCI Multiple Outlet Box, Open Neutral Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130135-0240 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130135-0240 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130135-0240
Status:
Active
Overview:
Outlet Boxes
Description:
Watertite® GFCI Multiple Outlet Box, Open Neutral Relay, (3) NEMA 5-15 Single with
Flip Lids, 15.24m (50.0') Cord Length, 12/3 SOOW Cord, NEMA 5-15 Watertite® Plug
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Product Literature (PDF)
General
Product Family
Power Distribution
Series
130135
Enclosure Rating
NEMA 4
GFCI Reset
Manual
Mounting Style
Portable
Open Neutral Relay
Yes
Overview
Outlet Boxes
Product Literature Order No
987650-7737, 987651-0452
Product Name
Watertite®
Receptacle Type
Single
Type
GFCI Multiple Outlet Box
UPC
78678876149
Woodhead
Yes
Physical
Cord Diameter
15.24mm (.600")
Cord Grip Body Size
F3 3/4"
Cord Length
15.24m (50.0')
Feed-Thru
No
Flip Lid
Yes
Material - Housing
Rubber
Number of Receptacles
3
Packaging Type
Carton
Electrical
Cord Type
12/3 SOOW
Current - Maximum per Contact
15.0A
GFCI
Yes
Ground Continuity Monitor
No
NEMA Configuration
NEMA 5-15
Voltage - Maximum
120V
Material Info
Old Part Number
32WG15B123
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130135Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130135-0240

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0241 MOLEX11-130135-0241 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0242 MOLEX11-130135-0242 Datasheet
48Kb / 1P
   Super-Safeway GFCI Multiple Outlet Box, Open Neutral Relay, (3) NEMA 5-20 Single with Flip Lids
130135-0243 MOLEX11-130135-0243 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0244 MOLEX11-130135-0244 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0245 MOLEX11-130135-0245 Datasheet
51Kb / 1P
   Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip
More results

Similar Description - 130135-0240

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130135-0241 MOLEX11-130135-0241 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0243 MOLEX11-130135-0243 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0244 MOLEX11-130135-0244 Datasheet
48Kb / 1P
   Watertite GFCI Multiple Outlet Box, Open Neutral Relay
130135-0313 MOLEX11-130135-0313 Datasheet
52Kb / 1P
   Watertite GFCI Multiple Outlet Box with Open Neutral Relay
130135-0315 MOLEX11-130135-0315 Datasheet
52Kb / 1P
   Watertite GFCI Multiple Outlet Box with Open Neutral Relay
130135-0314 MOLEX11-130135-0314 Datasheet
52Kb / 1P
   Watertite GFCI Multiple Outlet Box with Open Neutral Relay
130135-0333 MOLEX11-130135-0333 Datasheet
59Kb / 1P
   Super-Safeway GFCI Multiple Outlet Box, Open Neutral Relay
130135-0239 MOLEX11-130135-0239 Datasheet
48Kb / 1P
   Super-Safeway GFCI Multiple Outlet Box, Open Neutral Relay
130135-0347 MOLEX11-130135-0347 Datasheet
32Kb / 1P
   Super-Safeway GFCI Multiple Outlet Box, Open Neutral Relay
130138-0058 MOLEX11-130138-0058 Datasheet
36Kb / 1P
   Super-Safeway Multiple Outlet Box, Open Neutral Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com