Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX38A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCX38A
Description  NPN SILICON PLANAR MEDIUM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX38A Datasheet(HTML) 1 Page - Diodes Incorporated

  BCX38A_15 Datasheet HTML 1Page - Diodes Incorporated BCX38A_15 Datasheet HTML 2Page - Diodes Incorporated BCX38A_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 60 Volt VCEO
* Gain of 10K at IC=0.5 Amp
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
800
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=10µA, IE=0
Collector-Emitter
Sustaining Voltage
VCEO(sus) 60
V
IC=10mA, IB=0
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=10µA, IC=0
Collector Cut-Off
Current
ICBO
100
nA
VCB=60V, IE=0
Emitter Cut-Off
Current
IEBO
100
nA
VEB=8V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.25
V
IC=800mA, IB=8mA*
Base-Emitter
Turn-on Voltage
VBE(on)
1.8
V
IC=800mA, VCE=5V*
Static
Forward
Current
Transfer
Ratio
BCX38A
hFE
500
1000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
BCX38B
2000
4000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
BCX38C
5000
10000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
E-Line
TO92 Compatible
C
B
E
BCX38A/B/C
3-20
BCX38A/B/C
0.0001
50
150
100
Pulse Width (seconds)
10
100
1
0.1
0.01
0.001
0
D=1 (D.C.)
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
0.001
0.01
0.1
1
0.8
0.2
1.0
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
0.4
0.001
0.01
0.1
1
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
IC - Collector Current (Amps)
hFE v IC
10
1.0
0.5
2.0
1.5
VCE=5V
IC/IB=100
10
Safe Operating Area
VCE - Collector Voltage (Volts)
11000
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.6
0.001
0.01
0.1
1
10
IC/IB=100
1.0
0.5
2.0
1.5
0.001
0.01
0.1
1
10
VCE=5V
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
-55°C
+25°C
+100°C
+175°C
Maximum transient thermal impedance
3-21


Similar Part No. - BCX38A_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX38A ZETEX-BCX38A Datasheet
61Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Continental Device Indi...
BCX38A CDIL-BCX38A Datasheet
95Kb / 3P
   NPN SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCX38A DIODES-BCX38A Datasheet
95Kb / 5P
   45V PNP MEDIUM POWER TRANSISTOR IN SOT23
December 2012 Rev. 6 - 2
More results

Similar Description - BCX38A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT605 DIODES-FZT605 Datasheet
85Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT689B DIODES-FZT689B Datasheet
115Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
ZTX600 DIODES-ZTX600 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX692B DIODES-ZTX692B_15 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX853 DIODES-ZTX853 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX604 DIODES-ZTX604 Datasheet
83Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX849 DIODES-ZTX849 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT1048A DIODES-FZT1048A Datasheet
143Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com