Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE701 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MJE701
Description  COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MJE701 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MJE701 Datasheet HTML 1Page - Central Semiconductor Corp MJE701 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MJE700 THRU MJE703
PNP
MJE800 THRU MJE803
NPN
COMPLEMENTARY
POWER DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MJE700, MJE800
series devices are medium power complementary
silicon Darlington transistors designed for audio amplifier
applications as complementary output devices.
MARKING: FULL PART NUMBER
MJE700
MJE702
MJE701
MJE703
MJE800
MJE802
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
MJE801
MJE803
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
4.0
A
Continuous Base Current
IB
100
mA
Power Dissipation
PD
40
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
3.13
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
100
μA
ICBO
VCB=Rated VCBO, TC=100°C
500
μA
ICEO
VCE=Rated VCEO
100
μA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=50mA (MJE702,703,802,803)
80
V
BVCEO
IC=50mA (MJE700,701,800,801)
60
V
VCE(SAT)
IC=1.5A, IB=30mA (MJE700,702,800,802)
2.5
V
VCE(SAT)
IC=2.0A, IB=40mA (MJE701,703,801,803)
2.8
V
VCE(SAT)
IC=4.0A, IB=40mA
3.0
V
VBE(ON)
VCE=3.0V, IC=1.5A (MJE700,702,800,802)
2.5
V
VBE(ON)
VCE=3.0V, IC=2.0A (MJE701,703,801,803)
2.5
V
VBE(ON)
VCE=3.0V, IC=4.0A
3.0
V
hFE
VCE=3.0V, IC=1.5A (MJE700,702,800,802)
750
hFE
VCE=3.0V, IC=2.0A (MJE701,703,801,803)
750
hFE
VCE=3.0V, IC=4.0A
100
fT
VCE=3.0V, IC=1.5A, f=1.0MHz
1.0
MHz
TO-126 CASE
R2 (23-January 2014)
www.centr a lsemi.com


Similar Part No. - MJE701

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MJE701 SAMSUNG-MJE701 Datasheet
252Kb / 6P
   NPN (HIGH DC CURRENT GAIN)
logo
Fairchild Semiconductor
MJE701 FAIRCHILD-MJE701 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
Inchange Semiconductor ...
MJE701 ISC-MJE701 Datasheet
245Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Mospec Semiconductor
MJE701T MOSPEC-MJE701T Datasheet
194Kb / 4P
   POWER TRANSISTORS(4.0A,60-80V,40W)
logo
Inchange Semiconductor ...
MJE701T ISC-MJE701T Datasheet
250Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - MJE701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com