Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2130 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # MMUN2130
Description  Bias Resistor Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMUN2130 Datasheet(HTML) 6 Page - Leshan Radio Company

  MMUN2130 Datasheet HTML 1Page - Leshan Radio Company MMUN2130 Datasheet HTML 2Page - Leshan Radio Company MMUN2130 Datasheet HTML 3Page - Leshan Radio Company MMUN2130 Datasheet HTML 4Page - Leshan Radio Company MMUN2130 Datasheet HTML 5Page - Leshan Radio Company MMUN2130 Datasheet HTML 6Page - Leshan Radio Company MMUN2130 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
Q1–6/7
MMUN2111RLT1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2113RLT1
I
C , COLLECTOR CURRENT (mA)
Figure 12. V
CE(sat) versus I C
1000
100
10
1
10
100
1
0.8
0.6
0.4
0.2
0
010
2030
40
50
1
0.1
0.01
010
2030
40
100
10
1
0.1
0.01
0.001
01
2
3
4
5
6
7
8
9
10
100
10
1
0.1
010
2030
40
50
I
C , COLLECTOR CURRENT (mA)
Figure 13. DC Current Gain
V
R , REVERSE BIAS VOLTAGE (VOLTS)
Figure 14. Output Capacitance
V
in , INPUT VOLTAGE (VOLTS)
Figure 15. Output Current versus Input Voltage
I
C , COLLECTOR CURRENT (mA)
Figure 16. Input Voltage versus Output Current
V O = 5 V
I C /I B =10
T A = –25°C
75°C
25°C
T A =75°C
–25°C
25°C
V O = 2 V
f = 1 MHz
l E = 0 V
T A = 25°C
–25°C
25°C
T A = 75°C
25°C
75°C
T A=–25°C


Similar Part No. - MMUN2130

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2130 WEITRON-MMUN2130 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2130L ONSEMI-MMUN2130L Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
MMUN2130L ONSEMI-MMUN2130L Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MMUN2130L ONSEMI-MMUN2130L Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Motorola, Inc
MMUN2130LT1 MOTOROLA-MMUN2130LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results

Similar Description - MMUN2130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com