Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

508-501-2112 Datasheet(PDF) 3 Page - Marl International Limited

Part # 508-501-2112
Description  Smoked lens
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

508-501-2112 Datasheet(HTML) 3 Page - Marl International Limited

  508-501-2112_15 Datasheet HTML 1Page - Marl International Limited 508-501-2112_15 Datasheet HTML 2Page - Marl International Limited 508-501-2112_15 Datasheet HTML 3Page - Marl International Limited 508-501-2112_15 Datasheet HTML 4Page - Marl International Limited 508-501-2112_15 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
to order
de-rating information
BS EN ISO 9001:2008
approved manufacturer
508 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
also available
Part numbers also available in the 508 series:
Part
Number
Colour
Voltage
Vopr
508-501-21-15
Red
12 Vdc
508-501-22
Red
24 Vdc
508-501-25-50
Red
110 Vdc
508-501-56
Red
72 Vdc
508-502-21-29
Red
12 Vdc
508-502-75
Red
110 Vac 50 Hz
508-512-21
Green
12 Vdc
508-512-23
Green
28 Vdc
508-512-75-15
Green
110 Vac 50 Hz
508-521-04
Yellow
20 mA dc
508-521-20
Yellow
5/6 Vdc
508-521-21-29
Yellow
12 Vdc
508-521-22
Yellow
24 Vdc
508-521-75
Yellow
110 Vac 50 Hz
508-532-20
Green
5/6 Vdc
508-532-21-15
Green
12 Vdc
508-532-22
Green
24 Vdc
508-532-22-51
Green
24 Vdc
508-532-25-50
Green
110 Vdc
508-532-46
Green
35 Vdc
508-532-75-15
Green
110 Vac 50 Hz
508-535-21-15
Red/Green
12 Vdc
508-930-22
Blue
24 Vdc
508-997-22
White
24 Vdc
508-997-25-50
White
110 Vdc
The products listed here illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 508 - version 2013-12-03-173403
page 3 of 5


Similar Part No. - 508-501-2112_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
508-501-21 MARL-508-501-21 Datasheet
433Kb / 5P
   industrial panel lamps
508-501-21 MARL-508-501-21 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
508-501-21-15 MARL-508-501-21-15 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
More results

Similar Description - 508-501-2112_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
612-301-21 MARL-612-301-21_15 Datasheet
451Kb / 5P
   Smoked lens
512-501-2112 MARL-512-501-2112_15 Datasheet
432Kb / 5P
   Smoked lens style
604-301-04 MARL-604-301-04_15 Datasheet
460Kb / 4P
   Smoked lens with a wide viewing angle
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
   Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
   Smoked lens for high on/ off contrast ratio
logo
FIBOX Enclosing innovat...
8113040 FIBOX-8113040 Datasheet
442Kb / 2P
   Cabinet, PC, Smoked transparent door
11.01.2023
8113064 FIBOX-8113064 Datasheet
60Kb / 2P
   Cabinet, PC, Smoked transparent door
11.01.2023
8183031 FIBOX-8183031 Datasheet
61Kb / 2P
   Cabinet, ABS, Smoked transparent door
11.01.2023
8183072 FIBOX-8183072 Datasheet
66Kb / 2P
   Cabinet, ABS, Smoked transparent door
11.01.2023
8183034 FIBOX-8183034 Datasheet
61Kb / 2P
   Cabinet, ABS, Smoked transparent door
11.01.2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com