Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

660-308-64 Datasheet(PDF) 3 Page - Marl International Limited

Part # 660-308-64
Description  Provisional
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

660-308-64 Datasheet(HTML) 3 Page - Marl International Limited

  660-308-64_15 Datasheet HTML 1Page - Marl International Limited 660-308-64_15 Datasheet HTML 2Page - Marl International Limited 660-308-64_15 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MARL BUSINESS PARK, ULVERSTON, UK. LA12 9BN
Tel: +44 (0)1229 582 430. Web: www.leds.co.uk
3
3
Provisional
660 Series
IP67 Rated Panel Mount Indicator
Marl Part No.
LED Part
Number
Peak Wave
Length
λ
p(nm)
Emitted Colour
Lens
Appearance
Electro-Optical Data @ 20mA
Viewing
Angle
Termination
Typ Vf
(VAC/VDC)
LED lv
(mcd)
TYP
TYP
660-308-64
308
610
AMBER
WHITE DIFFUSED
8-48
100
120
PINS
660-308-64-40
12IN FLYING LEADS
660-320-64
320
470
BLUE
WHITE DIFFUSED
8-48
200
120
PINS
660-320-64-40
12IN FLYING LEADS
660-314-64
314
568
GREEN
WHITE DIFFUSED
8-48
30
120
PINS
660-314-64-40
12IN FLYING LEADS
660-302-64
302
625
HE RED
WHITE DIFFUSED
8-48
30
120
PINS
660-302-64-40
12IN FLYING LEADS
660-305-64
305
645
RED
WHITE DIFFUSED
8-48
40
120
PINS
660-305-64-40
12IN FLYING LEADS
660-311-64
311
585
YELLOW
WHITE DIFFUSED
8-48
30
120
PINS
660-311-64-40
12IN FLYING LEADS
Marl Part No.
LED Part
Number
Colour
Temperatu
re
Emitted Colour
Lens
Appearance
Electro-Optical Data @ 20mA
Viewing
Angle
Termination
Typ Vf
(VAC/VDC)
LED lv
(mcd)
TYP
TYP
660-998-64
998
5000K
NEUTRAL
WHITE
WHITE DIFFUSED
8-48
2500
120
PINS
660-998-64-40
12IN FLYING LEADS


Similar Part No. - 660-308-64_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
660-308-64-40 MARL-660-308-64-40 Datasheet
309Kb / 3P
   IP67 Rated Panel Mount Indicator
More results

Similar Description - 660-308-64_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
356-308-04 MARL-356-308-04_15 Datasheet
266Kb / 3P
   Provisional
570-320-04 MARL-570-320-04_15 Datasheet
413Kb / 3P
   Provisional
571-520-04 MARL-571-520-04_15 Datasheet
284Kb / 3P
   Provisional
661-508-64 MARL-661-508-64_15 Datasheet
330Kb / 3P
   Provisional
573-520-04 MARL-573-520-04_15 Datasheet
306Kb / 3P
   Provisional
357-508-04 MARL-357-508-04_15 Datasheet
281Kb / 3P
   Provisional
572-320-04 MARL-572-320-04_15 Datasheet
290Kb / 3P
   Provisional
logo
International Rectifier
IRF7811ATR IRF-IRF7811ATR Datasheet
133Kb / 4P
   PROVISIONAL DATASHEET
logo
Sanyo Semicon Device
LC72323-XXXX SANYO-LC72323-XXXX Datasheet
457Kb / 27P
   Provisional Development Specifications
logo
Dynex Semiconductor
DIM300XCM45-F000 DYNEX-DIM300XCM45-F000 Datasheet
180Kb / 8P
   IGBT Chopper Module Provisional
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com