Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

675-501-00-50 Datasheet(PDF) 3 Page - Marl International Limited

Part # 675-501-00-50
Description  Silver plated brass termination tags
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

675-501-00-50 Datasheet(HTML) 3 Page - Marl International Limited

  675-501-00-50_15 Datasheet HTML 1Page - Marl International Limited 675-501-00-50_15 Datasheet HTML 2Page - Marl International Limited 675-501-00-50_15 Datasheet HTML 3Page - Marl International Limited 675-501-00-50_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
675 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
also available
Part numbers also available in the 675 series:
Part
Number
Colour
Voltage
Vopr
675-501-25-50
Red
110 Vdc
675-502-75
Red
110 Vac 50 Hz
675-930-00-50
Blue
70 Vdc
675-930-00-51
Blue
52 Vdc
675-930-00-52
Blue
70 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 675 - version 2013-09-24-173530
page 3 of 4


Similar Part No. - 675-501-00-50_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
675-501-00-50_1309 MARL-675-501-00-50_1309 Datasheet
319Kb / 4P
   high performance panel lamps
675-501-00-50_1309 MARL-675-501-00-50_1309 Datasheet
319Kb / 4P
   RIA 12 approved, spike and transient protected with a
More results

Similar Description - 675-501-00-50_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RA1H3C1123 E-SWITCH-38-RA1H3C1123 Datasheet
84Kb / 1P
   Silver Plated Brass
38-RA2S00128 E-SWITCH-38-RA2S00128 Datasheet
77Kb / 1P
   Silver Plated Brass
38-RA45A31100 E-SWITCH-38-RA45A31100 Datasheet
68Kb / 1P
   Silver Plated Brass
38-RA111C1100 E-SWITCH-38-RA111C1100 Datasheet
90Kb / 1P
   Silver Plated Brass
38-RA111C1900 E-SWITCH-38-RA111C1900 Datasheet
180Kb / 1P
   Silver Plated Brass
34-RVW56D1200 E-SWITCH-34-RVW56D1200 Datasheet
66Kb / 1P
   Silver Plated Brass
34-WB2S00228 E-SWITCH-34-WB2S00228 Datasheet
193Kb / 1P
   Silver Plated Brass
34-WB24GD1121 E-SWITCH-34-WB24GD1121 Datasheet
68Kb / 1P
   Silver Plated Brass
34-WB242D112R E-SWITCH-34-WB242D112R Datasheet
69Kb / 1P
   Silver Plated Brass
34-WB242D1100 E-SWITCH-34-WB242D1100 Datasheet
67Kb / 1P
   Silver Plated Brass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com