Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6200
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6200_15 Datasheet HTML 5Page - Linear Technology LT6200_15 Datasheet HTML 6Page - Linear Technology LT6200_15 Datasheet HTML 7Page - Linear Technology LT6200_15 Datasheet HTML 8Page - Linear Technology LT6200_15 Datasheet HTML 9Page - Linear Technology LT6200_15 Datasheet HTML 10Page - Linear Technology LT6200_15 Datasheet HTML 11Page - Linear Technology LT6200_15 Datasheet HTML 12Page - Linear Technology LT6200_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
62001ff
LT6200/LT6200-5
LT6200-10/LT6201
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
1.9
3.5
3.5
4.5
7.5
7.5
mV
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 11)
VCM = 0V
VCM = Vto V+
l
l
0.2
0.4
2
3.6
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = Half Supply
l
8.2
24
µV/ºC
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
–40
–50
–10
8
–23
18
µA
µA
µA
∆IB
IB Shift
VCM = Vto V+
l
31
68
µA
IB Match (Channel-to-Channel) (Note 11)
l
4
12
µA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
1.3
1
3.5
10
10
15
µA
µA
µA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100
l
l
46
7.5
80
13.5
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = Vto V+
VCM = –2V to 2V
l
l
65
75
90
100
dB
dB
CMRR Match (Channel-to-Channel) (Note 11) VCM = –2V to 2V
l
75
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
60
65
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
l
60
100
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
16
60
170
75
125
310
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISINK = 20mA
l
l
l
85
125
265
150
230
480
mV
mV
mV
ISC
Short-Circuit Current
l
±60
±90
mA
IS
Supply Current
Disabled Supply Current
VSHDN = 0.3V
l
l
25
1.6
29
2.1
mA
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
215
295
µA
VL
VSHDN Pin Input Voltage LOW
l
0.3
V
VH
VSHDN Pin Input Voltage HIGH
l
V+ – 0.5
V
Shutdown Output Leakage Current
VSHDN = 0.3V
l
0.1
75
µA
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V
l
180
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V
l
180
ns
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
LT6200, LT6201
l
31
44
V/µs
AV = –10, RL = 1k, VO = 4V
LT6200-5
LT6200-10
l
l
125
260
180
370
V/µs
V/µs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P (LT6200-10)
l
27
39
MHz
elecTrical characTerisTics The denotes the specifications which apply over –40°C < T
A < 85°C
temperature range. Excludes the LT6201 in the DD package (Note 3). VS = ±5V, VCM = VOUT = 0V, VSHDN = OPEN, unless
otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less
than 40mA. This parameter is guaranteed to meet specified performance
through design and/or characterization. It is not 100% tested.


Similar Part No. - LT6200_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10 Datasheet
448Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
LT6200-10 LINER-LT6200-10 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6200-10 LINER-LT6200-10 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LT6200-10 LINER-LT6200-10 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results

Similar Description - LT6200_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200 Datasheet
448Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
LT6233 LINER-LT6233 Datasheet
727Kb / 24P
   60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
LT6202 LINER-LT6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com