Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2405 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N2405
Description  SILICON NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2405 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N2405_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N2405_15 Datasheet HTML 2Page - Central Semiconductor Corp 2N2405_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N2405
SILICON
NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2405 is a silicon
NPN epitaxial planar transistor designed for small signal
general purpose switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCER
140
V
Collector-Emitter Voltage
VCEV
120
V
Collector-Emitter Voltage
VCEO
90
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation (TC=25°C)
PD
5.0
W
Power Dissipation
PD
1.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=90V
10
nA
ICBO
VCB=90V, TC=150°C
10
μA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=100μA
120
V
BVCER
IC=100mA, RBE=10Ω
140
V
BVCER
IC=100mA, RBE=500Ω
120
V
BVCEO
IC=100mA
90
V
BVEBO
IE=100μA
7.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.2
V
VCE(SAT)
IC=150mA, IB=15mA
0.5
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.9
V
VBE(SAT)
IC=150mA, IB=15mA
1.1
V
hFE
VCE=10V, IC=100μA
20
hFE
VCE=10V, IC=10mA
35
hFE
VCE=10V, IC=150mA
60
200
fT
VCE=10V, IC=50mA, f=20MHz
120
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
85
pF
TO-39 CASE
R0 (2-December 2013)
www.centr a lsemi.com


Similar Part No. - 2N2405_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2405 CENTRAL-2N2405 Datasheet
55Kb / 1P
   SMALL SIGNAL TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2405 NJSEMI-2N2405 Datasheet
74Kb / 1P
   SI NPN POWER BJT, I(C) = 1 A TO 2. 4 A
2N2405 NJSEMI-2N2405 Datasheet
81Kb / 1P
   Small Signal Transistors
2N2405 NJSEMI-2N2405 Datasheet
81Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N2405 ETC1-2N2405 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N2405_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com