Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3701 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3701
Description  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3701 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3701 Datasheet HTML 1Page - Central Semiconductor Corp 2N3701 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3700
2N3701
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3700 and 2N3701
are silicon NPN transistors designed for high current
general purpose applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
1.0
A
Power Dissipation (TC=25°C)
PD
1.8
W
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
ΘJA
350
°C/W
Thermal Resistance
ΘJC
97.2
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3700
2N3701
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=90V
-
10
-
10
nA
ICBO
VCB=90V, TA=150°C
-
10
-
10
μA
IEBO
VEB=5.0V
-
10
-
10
nA
BVCBO
IC=100μA
140
-
140
-
V
BVCEO
IC=30mA
80
-
80
-
V
BVEBO
IE=100μA
7.0
-
7.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.2
-
0.2
V
VCE(SAT)
IC=500mA, IB=50mA
-
0.5
-
0.5
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.1
-
1.1
V
hFE
VCE=10V, IC=0.1mA
50
-
30
100
hFE
VCE=10V, IC=10mA
90
-
40
120
hFE
VCE=10V, IC=150mA
100
300
40
120
hFE
VCE=10V, IC=150mA, TA=-55°C
40
-
-
-
hFE
VCE=10V, IC=500mA
50
-
30
100
hFE
VCE=10V, IC=1.0A
15
-
15
-
TO-18 CASE
R1 (4-March 2014)
www.centr a lsemi.com


Similar Part No. - 2N3701

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3701 NJSEMI-2N3701 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
logo
Continental Device Indi...
2N3701 CDIL-2N3701 Datasheet
261Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
2N3701 CENTRAL-2N3701 Datasheet
534Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N3701

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com