Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3716 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3716
Description  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3716 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3716 Datasheet HTML 1Page - Central Semiconductor Corp 2N3716 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
2N3713
2N3714
SYMBOL
2N3715
2N3716
UNITS
Collector-Base Voltage
VCBO
80
100
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
10
A
Continuous Base Current
IB
4.0
A
Power Dissipation
PD
150
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
1.17
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICEV
VCE=Rated VCBO, VBE=1.5V
1.0
mA
ICEV
VCE=Rated VCEO, VBE=1.5V, TC=150°C
10
mA
IEBO
VEB=7.0V
5.0
mA
BVCEO
IC=200mA (2N3713, 2N3715)
60
V
BVCEO
IC=200mA (2N3714, 2N3716)
80
V
VCE(SAT)
IC=5.0A, IB=0.5A (2N3713, 2N3714)
1.0
V
VCE(SAT)
IC=5.0A, IB=0.5A (2N3715, 2N3716)
0.8
V
VBE(SAT)
IC=5.0A, IB=0.5A (2N3713, 2N3714)
2.0
V
VBE(SAT)
IC=5.0A, IB=0.5A (2N3715, 2N3716)
1.5
V
VBE(ON)
VCE=2.0V, IC=3.0A
1.5
V
hFE
VCE=2.0V, IC=1.0A (2N3713, 2N3714)
40
120
hFE
VCE=2.0V, IC=1.0A (2N3715, 2N3716)
50
150
hFE
VCE=2.0V, IC=3.0A (2N3713, 2N3714)
15
hFE
VCE=2.0V, IC=3.0A (2N3715, 2N3716)
30
fT
VCE=10V, IC=0.5A, f=1.0MHz
4.0
MHz
tr
IC=5.0A, IB1=IB2=0.5A
0.4
μs
ts
IC=5.0A, IB1=IB2=0.5A
0.3
μs
tf
IC=5.0A, IB1=IB2=0.5A
0.4
μs
2N3713
2N3715
2N3714
2N3716
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3713, 2N3714,
2N3715, and 2N3716 are silicon NPN power transistors
manufactured by the epitaxial-base process, mounted
in a hermetically sealed metal package designed for
medium speed switching and amplifier applications.
MARKING: FULL PART NUMBER
TO-3 CASE
R2 (18-June 2013)
www.centr a lsemi.com


Similar Part No. - 2N3716

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3716 MOSPEC-2N3716 Datasheet
125Kb / 3P
   POWER TRANSISTORS(10A,150W)
logo
Comset Semiconductor
2N3716 COMSET-2N3716 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
logo
Motorola, Inc
2N3716 MOTOROLA-2N3716 Datasheet
272Kb / 6P
   10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
logo
Savantic, Inc.
2N3716 SAVANTIC-2N3716 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N3716 BOCA-2N3716 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
More results

Similar Description - 2N3716

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com