Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD65R600S Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HCD65R600S
Description  Superior Avalanche Rugged Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCD65R600S Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HCD65R600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 7Page - SemiHow Co.,Ltd. HCD65R600S Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
DS
R
L
DUT
R
G
3mA
V
GS
DUT
V
DS
300nF
200nF
12V
Same Type
as DUT
10V
DUT
R
G
L
I
D


Similar Part No. - HCD65R600S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD65R600S SEMIHOW-HCD65R600S Datasheet
265Kb / 8P
   650V N-Channel Super Junction MOSFET
More results

Similar Description - HCD65R600S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com