Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD1125EL Datasheet(PDF) 4 Page - Marl International Limited

Part # TLD1125EL
Description  Basic LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

TLD1125EL Datasheet(HTML) 4 Page - Marl International Limited

  TLD1125EL_15 Datasheet HTML 1Page - Marl International Limited TLD1125EL_15 Datasheet HTML 2Page - Marl International Limited TLD1125EL_15 Datasheet HTML 3Page - Marl International Limited TLD1125EL_15 Datasheet HTML 4Page - Marl International Limited TLD1125EL_15 Datasheet HTML 5Page - Marl International Limited TLD1125EL_15 Datasheet HTML 6Page - Marl International Limited TLD1125EL_15 Datasheet HTML 7Page - Marl International Limited TLD1125EL_15 Datasheet HTML 8Page - Marl International Limited TLD1125EL_15 Datasheet HTML 9Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
4
Rev. 1.0, 2013-08-08
TLD1125EL
Overview
Protective functions
- ESD protection
- Under voltage lock out
- Over Load protection
- Over Temperature protection
- Reverse Polarity protection
Diagnostic functions
- OL detection
- SC to Vs (indicated by OL diagnosis)
- SC to GND detection
Applications
Designed for exterior LED lighting applications such as tail/brake light, turn indicator, position light, side marker,...
The device is also well suited for interior LED lighting applications such as ambient lighting, interior illumination
and dash board lighting.
Output current accuracy at
R
SET = 12 kΩ
k
LT
2250 ± 7%
Current consumption in sleep mode
I
S(sleep,typ)
0.1 µA
Table 1
Product Summary


Similar Part No. - TLD1125EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1125EL INFINEON-TLD1125EL_15 Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
More results

Similar Description - TLD1125EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLD1314EL MARL-TLD1314EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
TLD2314EL MARL-TLD2314EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD2311EL MARL-TLD2311EL_15 Datasheet
1Mb / 34P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1211SJ INFINEON-TLD1211SJ Datasheet
1Mb / 18P
   Basic LED Driver
Rev. 1.0, 2010-03-26
logo
Marl International Limi...
TLD1313EL MARL-TLD1313EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1121EL MARL-TLD1121EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
TLD1124EL MARL-TLD1124EL_15 Datasheet
1Mb / 29P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com