Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF50251EL Datasheet(PDF) 11 Page - Marl International Limited

Part # TLF50251EL
Description  2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

TLF50251EL Datasheet(HTML) 11 Page - Marl International Limited

Back Button TLF50251EL_15 Datasheet HTML 7Page - Marl International Limited TLF50251EL_15 Datasheet HTML 8Page - Marl International Limited TLF50251EL_15 Datasheet HTML 9Page - Marl International Limited TLF50251EL_15 Datasheet HTML 10Page - Marl International Limited TLF50251EL_15 Datasheet HTML 11Page - Marl International Limited TLF50251EL_15 Datasheet HTML 12Page - Marl International Limited TLF50251EL_15 Datasheet HTML 13Page - Marl International Limited TLF50251EL_15 Datasheet HTML 14Page - Marl International Limited TLF50251EL_15 Datasheet HTML 15Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TLF50251EL
Buck Regulator
Data Sheet
11
Rev. 1.0, 2013-06-19
5.1.2
PWM (Pulse Width Modulation) Mode
Under normal conditions the TLF50251EL will operate with a constant switching frequency
f
OSC in PWM mode.
The ratio between switch-on-time
T
ON and switch-off-time TOFF is mainly determined by the ratio between the input
voltage
V
S and the output voltage VCC and is influenced by the output current ICC.
In PWM mode the device may operate with 100% duty cycle, in this case the internal PMOS is constantly
conducting current. The current limitation feature is operating under this condition.
If the switch-on-time
T
ON should theoretically be below the minimum threshold TON,min (due to low load or due to
the ratio between input voltage
V
S and output voltage VCC depending on the switching frequency), it will be reduced
to the minimum value switch-on-time
T
ON,min and stay there. As a consequence the output voltage VCC will
increase. The PFM comparator detects the PFM threshold and will then switch the device into PFM mode. There
is no possibility to disable the PFM function.
5.1.3
PFM (Pulse Frequency Modulation) Mode
To optimize the efficiency and to reduce the current consumption, the TLF50251EL automatically switches to PFM
mode under low load conditions. In PFM mode the internal power stage including the driver stage is switched off
and will only be switched on for applying pulses to charge the output capacitor. The pulses will be created by
monitoring the voltage of the output filter capacitor
C
OUT. Thus in PFM mode the repetition time of pulses depend
on the output current and/or the ratio between input voltage
V
S and output voltage VCC.
Transition from PWM to PFM:
Figure 4 is showing the transition from Pulse Width Modulation to Pulse Frequency Modulation under the
assumption, that the input voltage
V
S will be constant and only the output current ICC will vary. The diagram shows
the principle, in reality the signals might look slightly different. The diagram is without scale in respect of time,
voltage and current values.
Starting from left of the figure a certain output current, here named
i
1, is applied to the regulator output. This results
in a duty cycle
D
1 with the on-time TON1 of the internal power stage. The switching frequency fOSC is constant as
set by the frequency setting resistor
R
FREQ. The regulator is in PWM mode, the output voltage is VREF_PWM which
is equal to
V
FB in PWM mode.
At point
t
1 the output current decreases from i1 to a lower i2. This results in a duty cycle D2 with the on-time TON2
of the internal power stage. Due to the reduced output load the on-time
T
ON2 is shorter (the regulator is in
Discontinuous Conduction Mode DCM) than
T
ON1. The switching frequency fOSC is constant as set by the
frequency setting resistor
R
FREQ. The regulator is still in PWM mode, the output voltage is VREF_PWM which is equal
to
V
FB in PWM mode. In Continuous Conduction Mode CCM the variation from TON1 to TON2 will be very small due
to smaller conduction losses.
At point
t
2 the output current decreases again from i2 to a lower i3. As a consequence the on-time TON will be
reduced also. The output current
i
3 is so low, that the on-time TON3 would be smaller than the TON,min. The regulator
does not allow a on-time smaller than
T
ON,min. Therefore we can say that the output current i3 is under the
imaginary current threshold for transition from PWM to PFM
i
PWM/PFM. With the pulse staying at on-time TON,min the
output voltage
V
CC will rise. The regulator is still in PWM mode, but the output voltage rises.


Similar Part No. - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
More results

Similar Description - TLF50251EL_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
TLF50211EL MARL-TLF50211EL_15 Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
logo
Infineon Technologies A...
TLF50251ELV50 INFINEON-TLF50251ELV50 Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
IFX90121ELV50 INFINEON-IFX90121ELV50_18 Datasheet
806Kb / 26P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.1 2018-03-07
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50281EL INFINEON-TLF50281EL Datasheet
1Mb / 36P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.01, 2013-04-30
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V Low quiescent current
Rev. 1.0, 2013-06-19
TLF50211EL INFINEON-TLF50211EL Datasheet
1Mb / 27P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50251EL INFINEON-TLF50251EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
TLF50241EL INFINEON-TLF50241EL Datasheet
1Mb / 30P
   2.2 MHz Step-Down Regulator 500 mA, 5 V, low quiescent current
Rev. 1.0, 2013-06-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com