Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1N-740D Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMB1N-740D
Description  red high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-740D Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-740D Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-740D Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-740D Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-740D Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMB1N-740D
v 1.1 17.07.2014
Description
SMB1N-740D is a surface mount AlGaAs High Power LED with a typical peak wavelength of 740 nm and
radiation of 290 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
2000
mW
Forward Current
IF
800
mA
Pulse Forward Current *
1
IFP
2000
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
10
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=600mA
730
740
750
nm
Half Width
∆λ
IF=600mA
27
nm
Forward Voltage
VF
IF=600mA
2.0
2.4
V
VFP
IFP=2A
2.7
Radiated Power *
1
PO
IF=600mA
290
mW
IFP=2A
960
Radiant Intensity *
2
IE
IF=600mA
96
mW/sr
IFP=2A
320
Viewing Angle
φ
IF=100mA
126
deg.
Rise Time
tR
IF=600mA
90
ns
Fall Time
tF
IF=600mA
90
ns


Similar Part No. - SMB1N-740D

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-740D-02 ROITHNER-SMB1N-740D-02 Datasheet
816Kb / 4P
   red high power led
More results

Similar Description - SMB1N-740D

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-760D ROITHNER-SMB1N-760D Datasheet
727Kb / 4P
   red high power led
SMB1N-770-02 ROITHNER-SMB1N-770-02 Datasheet
832Kb / 4P
   red high power led
SMB1N-D630-02 ROITHNER-SMB1N-D630-02 Datasheet
835Kb / 4P
   red high power led
SMB1N-740D-02 ROITHNER-SMB1N-740D-02 Datasheet
816Kb / 4P
   red high power led
SMB1N-670D ROITHNER-SMB1N-670D Datasheet
835Kb / 4P
   red high power led
SMB1N-680-02 ROITHNER-SMB1N-680-02 Datasheet
811Kb / 4P
   red high power led
logo
Unisonic Technologies
PUR01NBT-C0 UTC-PUR01NBT-C0 Datasheet
257Kb / 4P
   RED HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-690D ROITHNER-SMB1N-690D Datasheet
878Kb / 4P
   red high power led
SMB1N-700 ROITHNER-SMB1N-700 Datasheet
744Kb / 4P
   red high power led
SMB1N-735 ROITHNER-SMB1N-735 Datasheet
740Kb / 4P
   red high power led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com